Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES-AXIOHM Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RES-AXIOHM
Description  Welded construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-AXIOHM Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RES-AXIOHM Datasheet HTML 1Page - Ohmite Mfg. Co. RES-AXIOHM Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
91
Axiohm
Centohm Coated
Axial Terminal Wirewound
Coating Flameproof proprietary Centohm
Core Ceramic
Element Copper-nickel alloy or nickel-chrome alloy depending on
resistance value
End Cap Stainless steel
Terminals Tinned Copper weld. RoHS solder composition is 96% Sn,
3.5% Ag, 0.5% Cu
Derating Linearly from 100% @ +25°C to 0% @ +350°C.
Tolerance ±5% (Std) down to 0.1% available.
Power rating Based on 25°C free air rating (other wattages available).
Overload Under 5 watts: 5 times rated wattage for 5 seconds. 5 watts
and over: 10 times rated wattage for 5 seconds.
Temperature coefficient ±30ppm /°C above 10Ω
±100ppm/°C 1 to 10Ω
±200ppm/°C below 1Ω
Watt
Resistance
Standard
Dielectric
Maximum
Rating
Range (
Ω)
Resistance
Withstanding
Voltage
Form
Min. Max.
Tolerance
Voltage
Rating
1C
0.1
4K
±5%
500
100
2C
0.1 10K
±5%
500
300
3C
0.1 20K
±5%
500
450
4C
0.1 30K
±5%
500
600
5C
0.1 40K
±5%
500
800
7C
0.1 50K
±5%
500
875
10C
0.1 90K
±5%
500
1600
Ohmite’s Axiohm resis-
tors are Centohm coated
for maximum reliability.
These all-welded units
are characterized by their
low temperature coef-
ficients and resistance to
thermal shock, making
them ideal for a wide
range of electrical and
electronic applications.
F e A t u r e s
•Weldedconstruction
•Inorganicandnon-hygroscopic,
Centohm coating seals and protects
the resistance wire.
•ExceedsMIL-R-26moisturerequire-
ments
•CentohmResistorsaredesignedto
meet and exceed performance charac-
teristics of vitreous enamel resistors.
•Centohmismorecosteffectivethan
vitreous enamel.
•±5%resistancetolerance
Opti O ns
Noninductive: This specially
designed version is wound using
the Ayrton-Perry method.
Resistance Tolerances: Options
include5%,1%,0.5%,0.25%,and
0.1%resistors.
Terminal Sizes: Alternate terminal
diameters available.
Tape and Reel: Resistorstapedfor
automatic insertion. Contact Ohmite
forsize,quantityandorderinginfor-
mation
s eries speci F ic Ati O ns
c h A r A cteristics
(continued)


Similar Part No. - RES-AXIOHM

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-A OHMITE-RES-A Datasheet
254Kb / 2P
High Surge Energy
RES-AS-SMD OHMITE-RES-AS-SMD Datasheet
646Kb / 2P
Reduction of assembly costs
More results

Similar Description - RES-AXIOHM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSCWSN VISHAY-WSCWSN Datasheet
101Kb / 3P
All welded construction, Molded encapsulation, Wraparound terminations
17-Feb-11
logo
jb Capacitors Company
JFA JBCAPACITORS-JFA Datasheet
267Kb / 1P
Inductive welded construction epoxy dip coated
logo
Ohmite Mfg. Co.
RES-20 OHMITE-RES-20 Datasheet
328Kb / 2P
All-welded construction
RES-90 OHMITE-RES-90 Datasheet
377Kb / 2P
All-welded construction
logo
Laird Tech Smart Techno...
800 LSTD-800 Datasheet
415Kb / 1P
All-welded unit construction
logo
Ohmite Mfg. Co.
90-SERIES OHMITE-90-SERIES Datasheet
377Kb / 2P
All-welded construction
logo
Willow Technologies Ltd
134 WILLOW-134 Datasheet
142Kb / 6P
All welded construction
logo
Ohmite Mfg. Co.
20SERIES OHMITE-20SERIES Datasheet
328Kb / 2P
All-welded construction.
40SERIES OHMITE-40SERIES Datasheet
378Kb / 2P
All-welded construction
logo
New Jersey Semi-Conduct...
MR5005 NJSEMI-MR5005 Datasheet
86Kb / 1P
Welded hermetically sealed construction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com