Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES-CS3 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RES-CS3
Description  Values beginning at 1 miliohm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-CS3 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RES-CS3 Datasheet HTML 1Page - Ohmite Mfg. Co. RES-CS3 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
42
Standard part numbers for CS3 series
Series
CS3F
Tolerance
1%
Ohms
0.001
CS3FR001E
0.002
CS3FR002E
0.003
CS3FR003E
0.005
CS3FR005E
0.01
CS3FR010E
Series
CS3F
Tolerance
1%
Ohms
0.015
CS3FR015E
0.02
CS3FR020E
0.025
CS3FR025E
0.03
CS3FR030E
0.036
CS3FR036E
0.05
CS3FR050E
���������
Style
Ohms
R = Decimal
Example:
R010 = 0.010
R005 = 0.005
Tolerance
F = 1%
G= 2%
J= 5%
RoHS Compliant
Non-compliant
version not
recommended for
new designs
C
S
S
C
21.7mm 1.20
0.854" 0.008
5.35mm 0.10
0.211" 0.004
16.4mm 0.20
0.646" 0.008
3.00mm 0.20
0.118" 0.008
3.00mm
0.118"
2.00mm
0.079"
1.10mm
0.043"
1.50mm
0.059"
0.80mm
0.031"
5.08mm
0.2"
7.62mm
0.3"
8.00mm 0.20
0.315" 0.008
5.08mm
0.2"
CS3 Series
Wire Element Four Terminal
Precision Current Sense
d imen S ion S
(mm/in.)
orderin G in F ormation
Center of lead spacing
measured at resistor body



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com