Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL115 Datasheet(PDF) 3 Page - Micronas

Part # HAL115
Description  Hall Effect Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL115 Datasheet(HTML) 3 Page - Micronas

  HAL115 Datasheet HTML 1Page - Micronas HAL115 Datasheet HTML 2Page - Micronas HAL115 Datasheet HTML 3Page - Micronas HAL115 Datasheet HTML 4Page - Micronas HAL115 Datasheet HTML 5Page - Micronas HAL115 Datasheet HTML 6Page - Micronas HAL115 Datasheet HTML 7Page - Micronas HAL115 Datasheet HTML 8Page - Micronas HAL115 Datasheet HTML 9Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HAL115
MICRONAS INTERMETALL
3
Functional Description
This Hall effect sensor is a monolithic integrated circuit
that switches in response to magnetic fields. If a
magnetic field with flux lines at right angles to the
sensitive area is applied to the sensor, the biased Hall
plate forces a Hall voltage proportional to this field. The
Hall voltage is compared with the actual threshold level
in the comparator. The temperature-dependent bias
increases the supply voltage of the Hall plates and
adjusts the switching points to the decreasing induction
of magnets at higher temperatures. If the magnetic field
exceeds the threshold levels, the open drain output
switches to the appropriate state. The built-in hysteresis
eliminates oscillation and provides switching behavior of
output without bounce. The output is short-circuit
protected by limiting high currents and by sensing ex-
cess temperature. Shunt protection devices clamp
voltage peaks at the Output-Pin and VDD-Pin together
with external series resistors. Reverse current is limited
at the VDD-Pin by an internal series resistor up to –15 V.
No external reverse protection diode is needed at the
VDD-Pin for values ranging from 0 V to –15 V.
Temperature
Dependent
Bias
Hysteresis
Control
Comparator
Output
VDD
1
OUT
3
Hall Plate
GND
2
Fig. 2: HAL 115 block diagram
HAL 115
Short Circuit &
Overvoltage
Protection
Reverse
Voltage &
Overvoltage
Protection
Outline Dimensions
2.5 +0.1
4.5 +0.1
1.5
3.1 +0.2
3.0
4.0
±0.25
1.7
0.4
0.1 +0.05
10
°
10
°
1.5 +0.1
0.4
0.4
Fig. 3:
Plastic Small Outline Transistor Package
(SOT-89A)
Weight approximately 0.04 g
Dimensions in mm
max. 0.05 –0.05
12
2
3
0.7
0.95
2.25
sensitive area
position of hall sensor
referenced to the
center of package
x = 0
± 0.1 mm
y = 0.3
± 0.1 mm
(0.4 mm x 0.2 mm)
branded side
top view
Fig. 4:
Plastic Transistor Single Outline Package
(TO-92UA)
Weight approximately 0.12 g
Dimensions in mm
2.03
branded side
0.36
0.8
0.3
45
°
1.0
3+0.1
12.7
min.
1.27
1.27
2.54
123
4.06+0.1
0.4
1.5+0.1
sensitive area
position of hall sensor
referenced to the
center of package
x = 0
± 0.1 mm
y = 0.5
± 0.1 mm
(0.4 mm x 0.2 mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com