Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401VC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F401VC
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401VC Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F401VC Datasheet HTML 1Page - STMicroelectronics STM32F401VC Datasheet HTML 2Page - STMicroelectronics STM32F401VC Datasheet HTML 3Page - STMicroelectronics STM32F401VC Datasheet HTML 4Page - STMicroelectronics STM32F401VC Datasheet HTML 5Page - STMicroelectronics STM32F401VC Datasheet HTML 6Page - STMicroelectronics STM32F401VC Datasheet HTML 7Page - STMicroelectronics STM32F401VC Datasheet HTML 8Page - STMicroelectronics STM32F401VC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 135 page
background image
This is information on a product in full production.
September 2016
DocID024738 Rev 6
1/135
STM32F401xB STM32F401xC
ARM® Cortex®-M4 32b MCU+FPU, 105 DMIPS,
256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
Datasheet
- production data
Features
• Dynamic Efficiency Line with BAM (Batch
Acquisition Mode)
– 1.7 V to 3.6 V power supply
– -40 °C to 85/105 °C temperature range
• Core: ARM® 32-bit Cortex®-M4 CPU with FPU,
Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait state execution
from Flash memory, frequency up to 84 MHz,
memory protection unit, 105 DMIPS/
1.25 DMIPS/MHz (Dhrystone 2.1), and DSP
instructions
• Memories
– Up to 256 Kbytes of Flash memory
– 512 bytes of OTP memory
– Up to 64 Kbytes of SRAM
• Clock, reset and supply management
– 1.7 V to 3.6 V application supply and I/Os
– POR, PDR, PVD and BOR
– 4-to-26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC
– 32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
• Power consumption
– Run: 128 µA/MHz (peripheral off)
– Stop (Flash in Stop mode, fast wakeup
time): 42 µA typ @ 25 °C;
65 µA max @25 °C
– Stop (Flash in Deep power down mode,
slow wakeup time): down to 10 µA typ@
25 °C; 28 µA max @25 °C
– Standby: 2.4 µA @25 °C / 1.7 V without
RTC; 12 µA @85 °C @1.7 V
–VBAT supply for RTC: 1 µA @25 °C
• 1×12-bit, 2.4 MSPS A/D converter: up to 16
channels
• General-purpose DMA: 16-stream DMA
controllers with FIFOs and burst support
• Up to 11 timers: up to six 16-bit, two 32-bit
timers up to 84 MHz, each with up to
4 IC/OC/PWM or pulse counter and quadrature
(incremental) encoder input, two watchdog
timers (independent and window) and a
SysTick timer
• Debug mode
– Serial wire debug (SWD) & JTAG
interfaces
– Cortex-M4 Embedded Trace Macrocell™
• Up to 81 I/O ports with interrupt capability
– All IO ports 5 V tolerant
– Up to 78 fast I/Os up to 42 MHz
• Up to 11 communication interfaces
– Up to 3 × I2C interfaces (1Mbit/s,
SMBus/PMBus)
– Up to 3 USARTs (2 x 10.5 Mbit/s, 1 x
5.25 Mbit/s), ISO 7816 interface, LIN, IrDA,
modem control)
– Up to 4 SPIs (up to 42 Mbits/s at fCPU = 84
MHz), SPI2 and SPI3 with muxed full-
duplex I2S to achieve audio class accuracy
via internal audio PLL or external clock
– SDIO interface
• Advanced connectivity
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY
• CRC calculation unit
• 96-bit unique ID
• RTC: subsecond accuracy, hardware calendar
• All packages are ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32F401xB
STM32F401CB, STM32F401RB,
STM32F401VB
STM32F401xC
STM32F401CC, STM32F401RC,
STM32F401VC
WLCSP49
LQFP100 (14×14 mm)
LQFP64 (10×10 mm)
UFQFPN48
(7×7 mm)
UFBGA100
(7x7 mm)
(2.965x2.965 mm)
www.st.com


Similar Part No. - STM32F401VC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F401VC STMICROELECTRONICS-STM32F401VC Datasheet
1Mb / 134P
Up to 81 I/O ports with interrupt capability
06-Aug-2015
More results

Similar Description - STM32F401VC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F302XB STMICROELECTRONICS-STM32F302XB Datasheet
2Mb / 133P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
08-Jan-2013
STM32F415XX STMICROELECTRONICS-STM32F415XX Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
04-Jun-2013
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32F407ZET6 STMICROELECTRONICS-STM32F407ZET6 Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
24-Jan-2012
STM32F415ZGT6 STMICROELECTRONICS-STM32F415ZGT6 Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
04-Jun-2013
STM32F412XE STMICROELECTRONICS-STM32F412XE Datasheet
2Mb / 193P
ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
27-May-2016
STM32F446XC STMICROELECTRONICS-STM32F446XC Datasheet
2Mb / 202P
ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
02-Sep-2016
STM32F413XG STMICROELECTRONICS-STM32F413XG Datasheet
3Mb / 207P
ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
21-Oct-2016
STM32F411XC STMICROELECTRONICS-STM32F411XC Datasheet
2Mb / 149P
ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
December 2016 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com