Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F745VG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F745VG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F745VG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F745VG Datasheet HTML 8Page - STMicroelectronics STM32F745VG Datasheet HTML 9Page - STMicroelectronics STM32F745VG Datasheet HTML 10Page - STMicroelectronics STM32F745VG Datasheet HTML 11Page - STMicroelectronics STM32F745VG Datasheet HTML 12Page - STMicroelectronics STM32F745VG Datasheet HTML 13Page - STMicroelectronics STM32F745VG Datasheet HTML 14Page - STMicroelectronics STM32F745VG Datasheet HTML 15Page - STMicroelectronics STM32F745VG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 227 page
background image
Description
STM32F745xx STM32F746xx
12/227
DocID027590 Rev 4
1
Description
The STM32F745xx and STM32F746xx devices are based on the high-performance ARM®
Cortex®-M7 32-bit RISC core operating at up to 216 MHz frequency. The Cortex®-M7 core
features a single floating point unit (SFPU) precision which supports all ARM® single-
precision data-processing instructions and data types. It also implements a full set of DSP
instructions and a memory protection unit (MPU) which enhances the application security.
The STM32F745xx and STM32F746xx devices incorporate high-speed embedded
memories with a Flash memory up to 1 Mbyte, 320 Kbytes of SRAM (including 64 Kbytes of
Data TCM RAM for critical real-time data), 16 Kbytes of instruction TCM RAM (for critical
real-time routines), 4 Kbytes of backup SRAM available in the lowest power modes, and an
extensive range of enhanced I/Os and peripherals connected to two APB buses, two AHB
buses, a 32-bit multi-AHB bus matrix and a multi layer AXI interconnect supporting internal
and external memories access.
All the devices offer three 12-bit ADCs, two DACs, a low-power RTC, thirteen general-
purpose 16-bit timers including two PWM timers for motor control and one low-power timer
available in Stop mode, two general-purpose 32-bit timers, a true random number generator
(RNG). They also feature standard and advanced communication interfaces.
•
Up to four I2Cs
•
Six SPIs, three I2Ss in duplex mode. To achieve the audio class accuracy, the I2S
peripherals can be clocked via a dedicated internal audio PLL or via an external clock
to allow synchronization.
•
Four USARTs plus four UARTs
•
An USB OTG full-speed and a USB OTG high-speed with full-speed capability (with the
ULPI),
•
Two CANs
•
Two SAI serial audio interfaces
•
An SDMMC host interface
•
Ethernet and camera interfaces
•
LCD-TFT display controller
•
Chrom-ART Accelerator™
•
SPDIFRX interface
•
HDMI-CEC
Advanced peripherals include an SDMMC interface, a flexible memory control (FMC)
interface, a Quad-SPI Flash memory interface, a camera interface for CMOS sensors. Refer
to Table 2: STM32F745xx and STM32F746xx features and peripheral counts for the list of
peripherals available on each part number.
The STM32F745xx and STM32F746xx devices operate in the –40 to +105 °C temperature
range from a 1.7 to 3.6 V power supply. A dedicated supply input for USB (OTG_FS and
OTG_HS) is available on all the packages except LQFP100 for a greater power supply
choice.
The supply voltage can drop to 1.7 V with the use of an external power supply supervisor
(refer to Section 2.17.2: Internal reset OFF). A comprehensive set of power-saving mode
allows the design of low-power applications.
The STM32F745xx and STM32F746xx devices offer devices in 8 packages ranging from
100 pins to 216 pins. The set of included peripherals changes with the device chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com