Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401CCU6TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32F401CCU6TR
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401CCU6TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32F401CCU6TR Datasheet HTML 22Page - STMicroelectronics STM32F401CCU6TR Datasheet HTML 23Page - STMicroelectronics STM32F401CCU6TR Datasheet HTML 24Page - STMicroelectronics STM32F401CCU6TR Datasheet HTML 25Page - STMicroelectronics STM32F401CCU6TR Datasheet HTML 26Page - STMicroelectronics STM32F401CCU6TR Datasheet HTML 27Page - STMicroelectronics STM32F401CCU6TR Datasheet HTML 28Page - STMicroelectronics STM32F401CCU6TR Datasheet HTML 29Page - STMicroelectronics STM32F401CCU6TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 135 page
background image
DocID024738 Rev 6
26/135
STM32F401xB STM32F401xC
Functional overview
53
3.19
Timers and watchdogs
The devices embed one advanced-control timer, seven general-purpose timers and two
watchdog timers.
All timer counters can be frozen in debug mode.
Table 4 compares the features of the advanced-control and general-purpose timers.
3.19.1
Advanced-control timers (TIM1)
The advanced-control timer (TIM1) can be seen as three-phase PWM generators
multiplexed on 4 independent channels. It has complementary PWM outputs with
programmable inserted dead times. It can also be considered as a complete general-
purpose timer. Its 4 independent channels can be used for:
•
Input capture
•
Output compare
•
PWM generation (edge- or center-aligned modes)
•
One-pulse mode output
Table 4. Timer feature comparison
Timer
type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complemen-
tary output
Max.
interface
clock
(MHz)
Max.
timer
clock
(MHz)
Advanced
-control
TIM1
16-bit
Up,
Down,
Up/down
Any
integer
between1
and
65536
Yes
4
Yes
84
84
General
purpose
TIM2,
TIM5
32-bit
Up,
Down,
Up/down
Any
integer
between1
and
65536
Yes
4
No
42
84
TIM3,
TIM4
16-bit
Up,
Down,
Up/down
Any
integer
between1
and
65536
Yes
4
No
42
84
TIM9
16-bit
Up
Any
integer
between1
and
65536
No
2
No
84
84
TIM10,
TIM11
16-bit
Up
Any
integer
between1
and
65536
No
1
No
84
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com