Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL788J Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL788J
Description  Isolation Amplifier with Short Circuit and Overload Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL788J Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL788J Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Symbol
Description
GND2
Ground input.
VDD2
Supply voltage input (4.5 V to 5.5 V).
FAULT
Short circuit fault output. FAULT changes
from a high to low output voltage within
6
µs after V
IN exceeds the FAULT Detec-
tion Threshold. FAULT is an open drain
output which allows outputs from all the
HCPL-788Js in a circuit to be connected
together (“wired-OR”) forming a single
fault signal for interfacing directly to the
micro-controller.
ABSVAL
Absolute value of VOUT output. ABSVAL
is 0 V when VIN=0 and increases toward
VREF as VIN approaches +256 mV or
-256 mV. ABSVAL is “wired-OR” able
and is used for detecting overloads.
VOUT
Voltage output. Swings from 0 to VREF.
The nominal gain is VREF /504 mV.
VREF
Reference voltage input (4.0 V to VDD2).
This voltage establishes the full scale
output ranges and gains of VOUT and
ABSVAL.
VDD2
Supply voltage input (4.5 V to 5.5 V).
GND2
Ground input.
Pin Descriptions
Symbol
Description
VIN+
Positive input voltage (
± 200 mV
recommended).
VIN-
Negative input voltage (normally
connected to GND1).
CH
Internal Bias Node. Connections to or
between CH and CL other than the re-
quired 0.1
µF capacitor shown, are not
recommended.
CL
VDD1
Supply voltage input (4.5 V to 5.5 V).
VLED+
LED anode. This pin must be left uncon-
nected for guaranteed data sheet perfor-
mance. (For optical coupling testing only.)
VDD1
Supply voltage input (4.5 V to 5.5 V).
GND1
Ground input.
Description
The HCPL-788J isolation amplifier
is designed for current sensing in
electronic motor drives. In a
typical implementation, motor
currents flow through an external
resistor and the resulting analog
voltage drop is sensed by the
HCPL-788J. A larger analog
output voltage is created on the
other side of the HCPL-788J’s
optical isolation barrier. The
output voltage is proportional
to the motor current and can be
connected directly to a single-
supply A/D converter. A digital
over-range output (FAULT) and
an analog rectified output
(ABSVAL) are also provided. The
wire OR-able over-range output
(FAULT) is useful for quick
detection of short circuit con-
Figure 1. Current Sensing Circuit.
ditions on any of the motor
phases. The wire-OR-able rectified
output (ABSVAL), simplifies
measurement of motor load since
it performs polyphase rectification.
Since the common-mode voltage
swings several hundred volts in
tens of nanoseconds in modern
electronic motor drives, the
HCPL-788J was designed to
ignore very high common-mode
transient slew rates (10 kV/
µs).
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GND2
VDD2
FAULT
ABSVAL
VOUT
VREF
VDD2
GND2
VIN+
VIN-
CH
CL
VDD1
VLED+
VDD1
GND1
RSHUNT
0.02
Ω
ISOLATED +5 V
4.7 k
Ω
39
Ω
.01 µF
0.1 µF
0.1 µF
ISOLATION BOUNDARY
INPUT
CURRENT
+5 V
A/D
VREF
GND
µC
TO OTHER
PHASE
OUTPUTS
+
0.1 µF
HCPL-788J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com