Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL4100 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4100 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL4100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL4100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL4100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL4100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL4100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Notes:
1. Derate linearly above 55
°C free air
temperature at a rate of 3.8 mW/
°C.
Proper application of the derating
factors will prevent IC junction
temperatures from exceeding 125
°C
for ambient temperatures up to 85
°C.
2. Derate linearly above a free-air
temperature of 70
°C at a rate of 2.3
mW/
°C. A significant amount of
power may be dissipated in the
HCPL-4100 output circuit during the
transition from the SPACE state to
the MARK state when driving a data
line or capacitive load (C OUT). The
average power dissipation during the
transition can be estimated from the
following equation which assumes a
linear discharge of a capacitive load:
P = ISC (VSO + VMO)/2, where VSO is
the output voltage in the SPACE
state. The duration of this transition
can be estimated as t = C OUT (VSO -
VMO)/ISC. For typical applications
driving twisted pair data lines with
NRZ data as shown in Figure 11, the
transition time will be less than 10%
of one bit time.
3. Derate linearly above 55
°C free-air
temperature at a rate of 5.1 mW/
°C.
4. The maximum current that will flow
into the output in the mark state (I SC)
is internally limited to protect the
device. The duration of the output
short circuit shall not exceed 10 ms.
5. The device is considered a two
terminal device, pins 1, 2, 3, and 4
are connected together, and pins 5,
6, 7, and 8 are connected together.
6. The t PLH propagation delay is
measured from the 1.3 volt level on
the leading edge of the input pulse to
the 10 mA level on the leading edge
of the output pulse.
7. The t PHL propagation delay is
measured from the 1.3 volt level on
the trailing edge of the input pulse to
the 10 mA level on the trailing edge
of the output pulse.
8. The rise time, t r, is measured from the
10% to the 90% level on the rising
edge of the output current pulse.
9. The fall time, t f, is measured from the
90% to the 10% level on the falling
edge of the output current pulse.
10. Common mode transient immunity in
the logic high level is the maximum
(positive) dVCM/dt on the leading
edge of the common mode pulse,
VCM, that can be sustained with the
output in a Mark ("H") state (i.e.,
IO > 12 mA).
11. Common mode transient immunity in
the logic low level is the maximum
(positive) dVCM/dt on the leading
edge of the common mode pulse,
VCM, that can be sustained with the
output in a Space ("L") state (i.e., IO
< 3 mA).
12. Use of a 0.1
µF bypass capacitor
connected between pins 5 and 8 is
recommended.
13. In accordance with UL 1577, each
optocoupler is momentary withstand
proof tested by applying an insulation
test voltage
≥ 3000 V rms for 1
second (leakage detection current
limit, Ii-o ≤ 5 µA).
Figure 2. Typical Mark State Output
Voltage vs. Temperature.
Figure 3. Typical Output Voltage vs.
Loop Current.
Figure 4. Typical Space State Output
Current vs. Temperature.
-40
1.6
1.2
TA – TEMPERATURE – °C
060
1.8
1.4
-20
20
40
2.0
2.2
2.4
2.6
2.8
3.0
80
100
IO
20 mA
12 mA
2 mA
VCC = 5 V
VI = 2 V
0
1.0
0
IO – OUTPUT CURRENT – mA
10
20
1.5
0.5
515
2.0
2.5
3.0
3.5
25
30
VCC = 5 V
VI = 2 V
TA = 25 °C
-40
0.8
0.6
TA – TEMPERATURE – °C
060
0.9
0.7
-20
20
40
1.0
1.1
1.2
1.3
80
100
VO
27 V
20 V
VCC = 5 V
VI = 0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com