Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401CCU7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F401CCU7
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401CCU7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F401CCU7 Datasheet HTML 7Page - STMicroelectronics STM32F401CCU7 Datasheet HTML 8Page - STMicroelectronics STM32F401CCU7 Datasheet HTML 9Page - STMicroelectronics STM32F401CCU7 Datasheet HTML 10Page - STMicroelectronics STM32F401CCU7 Datasheet HTML 11Page - STMicroelectronics STM32F401CCU7 Datasheet HTML 12Page - STMicroelectronics STM32F401CCU7 Datasheet HTML 13Page - STMicroelectronics STM32F401CCU7 Datasheet HTML 14Page - STMicroelectronics STM32F401CCU7 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 135 page
background image
Description
STM32F401xB STM32F401xC
11/135
DocID024738 Rev 6
Table 2. STM32F401xB/C features and peripheral counts
Peripherals
STM32F401xB
STM32F401xC
Flash memory in Kbytes
128
256
SRAM in
Kbytes
System
64
Timers
General-
purpose
7
Advanced-
control
1
Communication
interfaces
SPI/ I2S
3/2 (full duplex)
4/2 (full
duplex)
3/2 (full duplex)
4/2 (full
duplex)
I2C3
USART
3
SDIO
-
1
-
1
USB OTG FS
1
GPIOs
36
50
8136
5081
12-bit ADC
Number of channels
1
10
16
10
16
Maximum CPU frequency
84 MHz
Operating voltage
1.7 to 3.6 V
Operating temperatures
Ambient temperatures: –40 to +85 °C/–40 to +105 °C
Junction temperature: –40 to + 125 °C
Package
WLCSP49
UFQFPN48
LQFP64
UFBGA100
LQFP100
WLCSP49
UFQFPN48
LQFP64
UFBGA100
LQFP100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com