Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072RB Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32L072RB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072RB Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32L072RB Datasheet HTML 82Page - STMicroelectronics STM32L072RB Datasheet HTML 83Page - STMicroelectronics STM32L072RB Datasheet HTML 84Page - STMicroelectronics STM32L072RB Datasheet HTML 85Page - STMicroelectronics STM32L072RB Datasheet HTML 86Page - STMicroelectronics STM32L072RB Datasheet HTML 87Page - STMicroelectronics STM32L072RB Datasheet HTML 88Page - STMicroelectronics STM32L072RB Datasheet HTML 89Page - STMicroelectronics STM32L072RB Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 147 page
background image
Electrical characteristics
STM32L072xx
86/147
DocID027100 Rev 3
ACCMSI
Frequency error after factory calibration
-
0.5
-
%
DTEMP(MSI)(1)
MSI oscillator frequency drift
0 °C
 TA  85 °C
-
3-
%
MSI oscillator frequency drift
VDD = 3.3 V, − 40 °C  TA  110 °C
MSI range 0
− 8.9
+7.0
MSI range 1
− 7.1
+5.0
MSI range 2
− 6.4
+4.0
MSI range 3
− 6.2
+3.0
MSI range 4
− 5.2
+3.0
MSI range 5
− 4.8
+2.0
MSI range 6
− 4.7
+2.0
DVOLT(MSI)(1)
MSI oscillator frequency drift
1.65 V
 VDD  3.6 V, TA = 25 °C
--
2.5
%/V
IDD(MSI)(2)
MSI oscillator power consumption
MSI range 0
0.75
-
µA
MSI range 1
1
-
MSI range 2
1.5
-
MSI range 3
2.5
-
MSI range 4
4.5
-
MSI range 5
8
-
MSI range 6
15
-
tSU(MSI)
MSI oscillator startup time
MSI range 0
30
-
µs
MSI range 1
20
-
MSI range 2
15
-
MSI range 3
10
-
MSI range 4
6
-
MSI range 5
5
-
MSI range 6,
Voltage range 1
and 2
3.5
-
MSI range 6,
Voltage range 3
5-
Table 50. MSI oscillator characteristics (continued)
Symbol
Parameter
Condition
Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com