Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L475XX Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32L475XX
Description  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475XX Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32L475XX Datasheet HTML 17Page - STMicroelectronics STM32L475XX Datasheet HTML 18Page - STMicroelectronics STM32L475XX Datasheet HTML 19Page - STMicroelectronics STM32L475XX Datasheet HTML 20Page - STMicroelectronics STM32L475XX Datasheet HTML 21Page - STMicroelectronics STM32L475XX Datasheet HTML 22Page - STMicroelectronics STM32L475XX Datasheet HTML 23Page - STMicroelectronics STM32L475XX Datasheet HTML 24Page - STMicroelectronics STM32L475XX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 193 page
background image
Table 4. STM32L475 modes overview
Mode
Regulator
(1)
CPU
Flash
SRAM
Clocks
DMA & Peripherals(2)
Wakeup source
Consumption(3)
Wakeup time
Run
Range 1
Yes
ON(4)
ON
Any
All
N/A
112 µA/MHz
N/A
Range2
All except OTG_FS, RNG
100 µA/MHz
LPRun
LPR
Yes
ON(4)
ON
Any
except
PLL
All except OTG_FS, RNG
N/A
136 µA/MHz
to Range 1: 4 µs
to Range 2: 64 µs
Sleep
Range 1
No
ON(4)
ON(5)
Any
All
Any interrupt or
event
37 µA/MHz
6 cycles
Range 2
All except OTG_FS, RNG
35 µA/MHz
6 cycles
LPSleep
LPR
No
ON(4)
ON(5)
Any
except
PLL
All except OTG_FS, RNG
Any interrupt or
event
40 µA/MHz
6 cycles
Stop 0
Range 1
No
Off
ON
LSE
LSI
BOR, PVD, PVM
RTC,IWDG
COMPx (x=1,2)
DACx (x=1,2)
OPAMPx (x=1,2)
USARTx (x=1...5)(6)
LPUART1(6)
I2Cx (x=1...3)(7)
LPTIMx (x=1,2)
***
All other peripherals are
frozen.
Reset pin, all I/Os
BOR, PVD, PVM
RTC,IWDG
COMPx (x=1..2)
USARTx (x=1...5)(6)
LPUART1(6)
I2Cx (x=1...3)(7)
LPTIMx (x=1,2)
OTG_FS(8)
SWPMI1(9)
108 µA
0.7 µs in SRAM
4.5 µs in Flash
Range 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com