Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L475RG Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32L475RG
Description  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475RG Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32L475RG Datasheet HTML 98Page - STMicroelectronics STM32L475RG Datasheet HTML 99Page - STMicroelectronics STM32L475RG Datasheet HTML 100Page - STMicroelectronics STM32L475RG Datasheet HTML 101Page - STMicroelectronics STM32L475RG Datasheet HTML 102Page - STMicroelectronics STM32L475RG Datasheet HTML 103Page - STMicroelectronics STM32L475RG Datasheet HTML 104Page - STMicroelectronics STM32L475RG Datasheet HTML 105Page - STMicroelectronics STM32L475RG Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 193 page
background image
IDD(Shutdown
with RTC)
Supply current
in Shutdown
mode
(backup
registers
retained) RTC
enabled
RTC clocked by LSE
bypassed at 32768 Hz
1.8 V
210
378
1299
3437
9357
-
-
-
-
-
nA
2.4 V
303
499
1577
4056
10825
-
-
-
-
-
3 V
422
655
1925
4820
12569
-
-
-
-
-
3.6 V
584
888
2511
6158
15706
-
-
-
-
-
RTC clocked by LSE
quartz (2) in low drive
mode
1.8 V
329
499
1408
3460
-
-
-
-
-
-
2.4 V
431
634
1688
4064
-
-
-
-
-
-
3 V
554
791
2025
4795
-
-
-
-
-
-
3.6 V
729
1040
2619
6129
-
-
-
-
-
-
IDD(wakeup
from
Shutdown)
Supply current
during wakeup
from Shutdown
mode
Wakeup clock is
MSI = 4 MHz.
See (3).
3 V
0.6
-
-
-
-
-
-
-
-
-
mA
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
3. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 41: Low-power mode wakeup timings.
Table 38. Current consumption in Shutdown mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com