Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L475RG Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32L475RG
Description  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475RG Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32L475RG Datasheet HTML 99Page - STMicroelectronics STM32L475RG Datasheet HTML 100Page - STMicroelectronics STM32L475RG Datasheet HTML 101Page - STMicroelectronics STM32L475RG Datasheet HTML 102Page - STMicroelectronics STM32L475RG Datasheet HTML 103Page - STMicroelectronics STM32L475RG Datasheet HTML 104Page - STMicroelectronics STM32L475RG Datasheet HTML 105Page - STMicroelectronics STM32L475RG Datasheet HTML 106Page - STMicroelectronics STM32L475RG Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 193 page
background image
Table 39. Current consumption in VBAT mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VBAT
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD(VBAT)
Backup domain
supply current
RTC disabled
1.8 V
4
29
196
587
1663
10.8
73
490
1468
4158
nA
2.4 V
5.27
36
226
673
1884
13.2
90
565
1683
4710
3 V
6
42
264
775
2147
15.5
106
660
1938
5368
3.6 V
10
58
323
919
2488
25.8
144
808
2298
6220
RTC enabled and
clocked by LSE
bypassed at 32768 Hz
1.8 V
183
201
367
729
-
-
-
-
-
-
2.4 V
268
295
486
901
-
-
-
-
-
-
3 V
376
412
602
1075
-
-
-
-
-
-
3.6 V
508
558
752
1299
-
-
-
-
-
-
RTC enabled and
clocked by LSE
quartz(2)
1.8 V
302
344
521
915
1978
-
-
-
-
-
2.4 V
388
436
639
1091
2289
-
-
-
-
-
3 V
494
549
784
1301
2656
-
-
-
-
-
3.6 V
630
692
971
1571
3115
-
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com