Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072KB Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32L072KB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072KB Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32L072KB Datasheet HTML 66Page - STMicroelectronics STM32L072KB Datasheet HTML 67Page - STMicroelectronics STM32L072KB Datasheet HTML 68Page - STMicroelectronics STM32L072KB Datasheet HTML 69Page - STMicroelectronics STM32L072KB Datasheet HTML 70Page - STMicroelectronics STM32L072KB Datasheet HTML 71Page - STMicroelectronics STM32L072KB Datasheet HTML 72Page - STMicroelectronics STM32L072KB Datasheet HTML 73Page - STMicroelectronics STM32L072KB Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 147 page
background image
Electrical characteristics
STM32L072xx
70/147
DocID027100 Rev 3
Table 34. Current consumption in Sleep mode
Symbol
Parameter
Condition
fHCLK (MHz)
Typ
Max(1)
Unit
IDD
(Sleep)
Supply current in
Sleep mode, Flash
memory switched
OFF
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range3,
Vcore=1.2 V
VOS[1:0]=11
1
43,5
110
µA
272
140
4
130
200
Range2,
Vcore=1.5 V
VOS[1:0]=10
4
160
220
8
305
380
16
590
690
Range1,
Vcore=1.8 V
VOS[1:0]=01
8
370
460
16
715
840
32
1650
2000
MSI clock
Range3,
Vcore=1.2 V
VOS[1:0]=11
0,065
18
93
0,524
31,5
110
4,2
140
230
HSI clock source
(16 MHz)
Range2,
Vcore=1.5 V
VOS[1:0]=10
16
665
850
Range1,
Vcore=1.8 V
VOS[1:0]=01
32
1750
2100
Supply current in
Sleep mode, Flash
memory switched
ON
fHSE = fHCLK up to
16MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range3,
Vcore=1.2 V
VOS[1:0]=11
1
57,5
130
284
160
4
150
220
Range2,
Vcore=1.5 V
VOS[1:0]=10
4
170
240
8
315
400
16
605
710
Range1,
Vcore=1.8 V
VOS[1:0]=01
8
380
470
16
730
860
32
1650
2000
MSI clock
Range3,
Vcore=1.2 V
VOS[1:0]=11
0,065
29,5
110
0,524
44,5
120
4,2
150
240
HSI clock source
(16MHz)
Range2,
Vcore=1.5 V
VOS[1:0]=10
16
680
930
Range1,
Vcore=1.8 V
VOS[1:0]=01
32
1750
2200
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com