Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB572 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSB572
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSB572 Datasheet HTML 5Page - STMicroelectronics TSB572 Datasheet HTML 6Page - STMicroelectronics TSB572 Datasheet HTML 7Page - STMicroelectronics TSB572 Datasheet HTML 8Page - STMicroelectronics TSB572 Datasheet HTML 9Page - STMicroelectronics TSB572 Datasheet HTML 10Page - STMicroelectronics TSB572 Datasheet HTML 11Page - STMicroelectronics TSB572 Datasheet HTML 12Page - STMicroelectronics TSB572 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TSB572
Electrical characteristics
DocID028308 Rev 2
9/27
Table 5: Electrical characteristics at Vcc = 36 V, Vicm = Vcc/2, Tamb = 25 °C, and RL
connected to Vcc/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
-1.5
1.5
mV
-40 °C < T < 125 °C
-2.1
2.1
ΔVio/ΔT
Input offset voltage drift
-40 °C < T < 125 °C
1.5
6
μV/°C
ΔVio
Long-term input offset
voltage drift
(1)
T = 25 °C
1.5
µV/√month
Iio
Input offset current
2
15
nA
-40 °C < T < 125 °C
35
Iib
Input bias current
8
30
-40 °C < T < 125 °C
70
CIN
Input capacitor
2
pF
RIN
Input impedance
1
TΩ
CMR
Common mode rejection
ratio 20 log (ΔVicm/ΔVio)
Vicm = (VCC-) to (VCC+) - 1.5 V,
Vout = VCC/2
105
129
dB
-40 °C < T < 125 °C
95
Vicm = (VCC-) to (VCC+),
Vout = VCC/2
95
115
-40 °C < T < 125 °C
90
SVR
Supply voltage rejection
ratio 20 log (ΔVCC/ΔVio)
VCC = 4 to 36 V
90
104
-40 °C < T < 125 °C
85
Avd
Large signal voltage gain
RL= 10 kΩ, Vout = 0.5 to 35.5 V
95
114
-40 °C < T < 125 °C
90
VOH
High level output voltage
(drop voltage from VCC+)
RL = 10 kΩ
78
150
mV
-40 °C < T < 125 °C
200
VOL
Low level output voltage
RL = 10 kΩ
30
90
-40 °C < T < 125 °C
120
Iout
Isink
Vout = VCC
25
65
mA
-40 °C < T < 125 °C
10
Isource
Vout = 0 V
20
50
-40 °C < T < 125 °C
10
ICC
Supply current
(per channel)
No load, Vout = VCC/2
380
470
μA
-40 °C < T < 125 °C
550
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
1.7
2.5
MHz
-40 °C < T < 125 °C
1.4
ϕm
Phase margin
RL = 10 kΩ, CL = 100 pF
50
degrees
Gm
Gain margin
RL = 10 kΩ, CL = 100 pF
8
dB
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com