Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L475VC Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32L475VC
Description  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475VC Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32L475VC Datasheet HTML 92Page - STMicroelectronics STM32L475VC Datasheet HTML 93Page - STMicroelectronics STM32L475VC Datasheet HTML 94Page - STMicroelectronics STM32L475VC Datasheet HTML 95Page - STMicroelectronics STM32L475VC Datasheet HTML 96Page - STMicroelectronics STM32L475VC Datasheet HTML 97Page - STMicroelectronics STM32L475VC Datasheet HTML 98Page - STMicroelectronics STM32L475VC Datasheet HTML 99Page - STMicroelectronics STM32L475VC Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 193 page
background image
Table 33. Current consumption in Low-power sleep modes, Flash in power-down
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD(LPSleep
)
Supply current
in low-power
sleep mode
fHCLK = fMSI
all peripherals disable
2 MHz
81
110
217
395
754
115
182
375
750
1500
µA
1 MHz
50
78
185
362
720
80
149
342
717
1456
400 kHz
28
57
163
340
698
60
122
314
689
1429
100 kHz
18
47
155
332
686
50
114
313
688
1438
1. Guaranteed by characterization results, unless otherwise specified.
Table 34. Current consumption in Stop 2 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C
85 °C 105 °C 125 °C
IDD (Stop 2)
Supply current in
Stop 2 mode,
RTC disabled
-
1.8 V
1.14
3.77
14.7
34.7
77
2.7
9
37
87
193
µA
2.4 V
1.15
3.86
15
35.5
79.1
2.7
10
38
89
198
3 V
1.18
3.97
15.4
36.4
81.3
2.8
10
39
91
203
3.6 V
1.26
4.11
16
38
85.1
3.0
10
40
95(2)
213
IDD (Stop 2
with RTC)
Supply current in
Stop 2 mode,
RTC enabled
RTC clocked by LSI
1.8 V
1.42
4.04
15
34.9
77.2
3.1
10
38
87
193
µA
2.4 V
1.5
4.22
15.4
35.7
79.2
3.2
11
39
89
198
3 V
1.64
4.37
15.8
36.7
81.4
3.4
11
40
92
204
3.6 V
1.79
4.65
16.6
38.4
85.4
3.6
12
42
96
214
RTC clocked by LSE
bypassed at 32768 Hz
1.8 V
1.5
4.13
15.2
35.3
77.6
3.2
10
38
88
194
2.4 V
1.63
4.33
15.6
36
79.6
3.4
11
39
90
199
3 V
1.79
4.55
16.1
37
81.8
3.6
11
40
93
205
3.6 V
2.04
4.9
16.8
38.7
85.6
3.9
12
42
97
214
RTC clocked by LSE
quartz(3)
in low drive mode
1.8 V
1.43
3.99
14.7
35
-
3.2
10
37
88
-
2.4 V
1.54
4.11
15
35.8
-
3.3
10
38
90
-
3 V
1.67
4.29
15.5
36.7
-
3.4
11
39
92
-
3.6 V
1.87
4.57
16.2
38.3
-
3.7
11
41
96
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com