Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB572IQ2T Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSB572IQ2T
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572IQ2T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSB572IQ2T Datasheet HTML 17Page - STMicroelectronics TSB572IQ2T Datasheet HTML 18Page - STMicroelectronics TSB572IQ2T Datasheet HTML 19Page - STMicroelectronics TSB572IQ2T Datasheet HTML 20Page - STMicroelectronics TSB572IQ2T Datasheet HTML 21Page - STMicroelectronics TSB572IQ2T Datasheet HTML 22Page - STMicroelectronics TSB572IQ2T Datasheet HTML 23Page - STMicroelectronics TSB572IQ2T Datasheet HTML 24Page - STMicroelectronics TSB572IQ2T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TSB572
Application information
DocID028308 Rev 2
21/27
4.7
PCB layout recommendations
Particular attention must be paid to the layout of the PCB tracks connected to the amplifier,
load, and power supply. The power and ground traces are critical as they must provide
adequate energy and grounding for all circuits. The best practice is to use short and wide
PCB traces to minimize voltage drops and parasitic inductance.
In addition, to minimizing parasitic impedance over the entire surface, a multi-via technique
that connects the bottom and top layer ground planes together in many locations is often
used.
The copper traces that connect the output pins to the load and supply pins should be as
wide as possible to minimize trace resistance.
4.8
Optimized application recommendation
It is recommended to place a 22 nF capacitor as close as possible to the supply pin. A
good decoupling will help to reduce electromagnetic interference impact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com