Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB572IST Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSB572IST
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572IST Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSB572IST Datasheet HTML 13Page - STMicroelectronics TSB572IST Datasheet HTML 14Page - STMicroelectronics TSB572IST Datasheet HTML 15Page - STMicroelectronics TSB572IST Datasheet HTML 16Page - STMicroelectronics TSB572IST Datasheet HTML 17Page - STMicroelectronics TSB572IST Datasheet HTML 18Page - STMicroelectronics TSB572IST Datasheet HTML 19Page - STMicroelectronics TSB572IST Datasheet HTML 20Page - STMicroelectronics TSB572IST Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
TSB572
Application information
DocID028308 Rev 2
17/27
4
Application information
4.1
Operating voltages
The TSB572 can operate from 4 V to 36 V. The parameters are fully specified for 4 V, 12 V,
and 36 V power supplies. However, the parameters are stable in the full VCC range.
Additionally, the main specifications are guaranteed in extended temperature ranges from
-40 to 125 °C.
4.2
Input pin voltage ranges
The TSB572 has internal ESD diode protection on the inputs. These diodes are connected
between the inputs and each supply rail to protect the input transistors from electrical
discharge.
If the input pin voltage exceeds the power supply by 0.2 V, the ESD diodes become
conductive and excessive current can flow through them. Without limitation this over
current can damage the device.
In this case, it is important to limit the current to 10 mA, by adding resistance on the input
pin, as shown in Figure 35: "Input current limitation".
Figure 35: Input current limitation
4.3
Rail-to-rail input
The TSB572 has rail-to-rail inputs. The input common mode range is extended from
(VCC-) - 0.1 V to (VCC+) + 0.1 V at T = 25 °C.
Vin
R
16 V
Vout
+
+
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com