Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7004CLH Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN7004CLH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004CLH Datasheet(HTML) 5 Page - STMicroelectronics

  VN7004CLH Datasheet HTML 1Page - STMicroelectronics VN7004CLH Datasheet HTML 2Page - STMicroelectronics VN7004CLH Datasheet HTML 3Page - STMicroelectronics VN7004CLH Datasheet HTML 4Page - STMicroelectronics VN7004CLH Datasheet HTML 5Page - STMicroelectronics VN7004CLH Datasheet HTML 6Page - STMicroelectronics VN7004CLH Datasheet HTML 7Page - STMicroelectronics VN7004CLH Datasheet HTML 8Page - STMicroelectronics VN7004CLH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
VN7004CLH
Block diagram and pin description
DocID027770 Rev 5
5/36
1
Block diagram and pin description
Figure 1: Block diagram
Table 2: Pin functions
Name
Function
VCC
Battery connection.
OUTPUT
Power outputs. All the pins must be connected together.
GND
Ground connection.
INPUT
Voltage controlled input pin with hysteresis. Compatible with 3 V and 5 V CMOS outputs.
It controls output switch state.
CS
Analog current sense output pin delivers a current proportional to the load current.
FR_DIAG
It sets auto-restart and latch-off protection. Moreover, it enables OFF-state diagnostic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com