Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ122IYST Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSZ122IYST
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ122IYST Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSZ122IYST Datasheet HTML 17Page - STMicroelectronics TSZ122IYST Datasheet HTML 18Page - STMicroelectronics TSZ122IYST Datasheet HTML 19Page - STMicroelectronics TSZ122IYST Datasheet HTML 20Page - STMicroelectronics TSZ122IYST Datasheet HTML 21Page - STMicroelectronics TSZ122IYST Datasheet HTML 22Page - STMicroelectronics TSZ122IYST Datasheet HTML 23Page - STMicroelectronics TSZ122IYST Datasheet HTML 24Page - STMicroelectronics TSZ122IYST Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TSZ121, TSZ122, TSZ124
Application information
DocID023563 Rev 5
21/38
Figure 43: Stability criteria with a serial resistor at VDD
= 5 V
Figure 44: Stability criteria with a serial resistor at VDD
= 1.8 V
Figure 45: Test configuration for Riso
5.8
PCB layout recommendations
Particular attention must be paid to the layout of the PCB, tracks connected to the amplifier,
load, and power supply. The power and ground traces are critical as they must provide
adequate energy and grounding for all circuits. Good practice is to use short and wide PCB
traces to minimize voltage drops and parasitic inductance.
In addition, to minimize parasitic impedance over the entire surface, a multi-via technique
that connects the bottom and top layer ground planes together in many locations is often
used.
The copper traces that connect the output pins to the load and supply pins should be as
wide as possible to minimize trace resistance.
5.9
Optimized application recommendation
TSZ121, TSZ122, and TSZ124 devices are based on chopper architecture. As they are
switched devices, it is strongly recommended to place a 0.1 µF capacitor as close as
possible to the supply pins.
A good decoupling has several advantages for an application. First, it helps to reduce
electromagnetic interference. Due to the modulation of the chopper, the decoupling
capacitance also helps to reject the small ripple that may appear on the output.
TSZ121, TSZ122, and TSZ124 devices have been optimized for use with 10 kΩ in the
feedback loop. With this, or a higher value of resistance, these devices offer the best
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com