Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ124 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSZ124
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ124 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSZ124 Datasheet HTML 19Page - STMicroelectronics TSZ124 Datasheet HTML 20Page - STMicroelectronics TSZ124 Datasheet HTML 21Page - STMicroelectronics TSZ124 Datasheet HTML 22Page - STMicroelectronics TSZ124 Datasheet HTML 23Page - STMicroelectronics TSZ124 Datasheet HTML 24Page - STMicroelectronics TSZ124 Datasheet HTML 25Page - STMicroelectronics TSZ124 Datasheet HTML 26Page - STMicroelectronics TSZ124 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
TSZ121, TSZ122, TSZ124
Application information
DocID023563 Rev 5
23/38
The output voltage is calculated using Equation 2:
Equation 2
As the current delivered by the O2 sensor is extremely low, the impact of the Vio can
become significant with a traditional operational amplifier. The use of the chopper amplifier
of the TSZ121, TSZ122, or TSZ124 is perfect for this application.
In addition, using TSZ121, TSZ122, or TSZ124 devices for the O2 sensor application
ensures that the measurement of O2 concentration is stable even at different temperature
thanks to a very good ΔV
io/ΔT.
5.11.2
Precision instrumentation amplifier
The instrumentation amplifier uses three op amps. The circuit, shown in Figure 48:
"Precision instrumentation amplifier schematic", exhibits high input impedance, so that the
source impedance of the connected sensor has no impact on the amplification.
Figure 48: Precision instrumentation amplifier schematic
The gain is set by tuning the Rg resistor. With R1 = R2 and R3 = R4, the output is given by
Equation 3.
Equation 3
The matching of R1, R2 and R3, R4 is important to ensure a good common mode rejection
ratio (CMR).
V
ou t
I
R
V
io
R
2
R
1
1
+
×
–
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com