Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD2/012SL2D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HFD2/012SL2D
Description  SUBMINIATURE DIP RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HFD2/012SL2D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HFD2/012SL2D Datasheet HTML 1Page - List of Unclassifed Manufacturers HFD2/012SL2D Datasheet HTML 2Page - List of Unclassifed Manufacturers HFD2/012SL2D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
35
005-S-L2
006-S-L2
009-S-L2
012-S-L2
015-S-L2
024-S-L2
5
6
9
12
15
24
4.0
4.8
7.2
9.6
12.0
19.2
167
240
540
960
1500
3840
11.5
13.8
20.8
27.7
34.6
55.4
003-M-L1
005-M-L1
006-M-L1
009-M-L1
012-M-L1
015-M-L1
024-M-L1
3
5
6
9
12
15
24
2.25
3.75
4.5
6.75
9.0
11.25
18.0
90
250
360
810
1440
2220
4000
8.4
14
17
25
34
42
56
005-S-L1
006-S-L1
009-S-L1
012-S-L1
015-S-L1
024-S-L1
5
6
9
12
15
24
4.0
4.8
7.2
9.6
12.0
19.2
330
480
1080
1920
3000
7680
16
19
29
39
43
78
50mV
30VDC
30VDC
30VDC
60VDC
60VDC
60VDC
30VAC
30VAC
30VAC
60VAC
60VAC
60VAC
125VAC
125VAC
125VAC
50uW
20W
30W
60W
20W
30W
60W
40VA
80VA
120VA
40VA
80VA
120VA
40VA
80VA
125VA
5 x 107
3 x 106
1 x 106
1 x 105
3 x 106
5 x 105
1 x 105
3 x 106
1 x 106
1 x 105
3 x 106
1 x 106
1 x 105
3 x 106
1 x 106
1 x 105
5 x 107
1 x 106
3 x 105
1.5 x 104
--
--
--
1 x 106
3 x 105
1.5 x 104
1 x 106
3 x 105
1.5 x 104
1 x 106
3 x 105
1.5 x 104
003-M-L2
005-M-L2
006-M-L2
009-M-L2
012-M-L2
015-M-L2
024-M-L2
3
5
6
9
12
15
24
2.25
3.75
4.5
6.75
9.0
11.25
18.0
45
125
180
405
720
1125
2040
6
10
12
18
24
30
48
Notes:When user's requirements can't be found in the above table,special order allowed.
Latching (2 coil)
standard(200mW)
20 C
Latching (1 coil)
standard(100mW)
20 C
Latching (1 coil)
sensitive(75mW)
20 C
Latching (2 coil)
sensitive(150mW)
20 C
Nominal
Voltage
VDC
Order
Number
COIL DATA
Set / Reset
Voltage
VDC(Max.)
Coil
resistance
(•10%)
allowable
Voltage
VDC
(Max.)
Nominal
Voltage
VDC
Order
Number
Set / Reset
Voltage
VDC(Max.)
Coil
resistance
( 10%)
allowable
Voltage
VDC
(Max.)
Nominal
Voltage
VDC
Order
Number
Set / Reset
Voltage
VDC(Max.)
Coil
resistance
( 10%)
allowable
Voltage
VDC
(Max.)
Nominal
Voltage
VDC
Order
Number
Set / Reset
Voltage
VDC(Max.)
Coil
resistance
( 10%)
allowable
Voltage
VDC
(Max.)
TYPICAL CONTACT LIFE EXPECTANCY
Voltage
Power
Number of operations
Resistive Load
Inductive Load(cosø=0.7)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com