Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6229 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6229
Description  32.768kHz output Tuning fork Quartz Crystal Oscillator IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6229 Datasheet(HTML) 7 Page - New Japan Radio

  NJU6229 Datasheet HTML 1Page - New Japan Radio NJU6229 Datasheet HTML 2Page - New Japan Radio NJU6229 Datasheet HTML 3Page - New Japan Radio NJU6229 Datasheet HTML 4Page - New Japan Radio NJU6229 Datasheet HTML 5Page - New Japan Radio NJU6229 Datasheet HTML 6Page - New Japan Radio NJU6229 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2014/10/29 ( 7 / 7 )
NJU6229 Series
Preliminary
(4) Output Enable Time (CL=15pF)
(5) Start up time
Note1) Decoupling capacitor between VDD and VSS is, should shorten the wiring as much as possible
[CAUTION]
The specifications on this data book are only
given for information , without any guarantee
as regards either mistakes or omissions.
The application circuits in this data book are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
CL=15pF
VDD
VSS
FOUT
Pulse
Generator
50
Ω
CONT
XTI
XTO
Pulse
Generator
50
Ω
0.1
μF
Note1)
VDD
VSS
XTI
FOUT
0.1
μF
Note1)
XTO
tOSC
FOUT
VDD
tPZO
0.8VDD
VOH
FOUT
CONT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com