Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742-/2G Datasheet(PDF) 8 Page - Microchip Technology

Part # USB5742-/2G
Description  2-Port SS/HS USB Controller Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742-/2G Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB5742-/2G Datasheet HTML 4Page - Microchip Technology USB5742-/2G Datasheet HTML 5Page - Microchip Technology USB5742-/2G Datasheet HTML 6Page - Microchip Technology USB5742-/2G Datasheet HTML 7Page - Microchip Technology USB5742-/2G Datasheet HTML 8Page - Microchip Technology USB5742-/2G Datasheet HTML 9Page - Microchip Technology USB5742-/2G Datasheet HTML 10Page - Microchip Technology USB5742-/2G Datasheet HTML 11Page - Microchip Technology USB5742-/2G Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
USB5742
DS00002016B-page 8
 2015-2016 Microchip Technology Inc.
3.0
PIN DESCRIPTION AND CONFIGURATION
3.1
Pin Assignments
Note 1:
Configuration straps are identified by an underlined symbol name. Signals that function as configurations
traps must be augmented with an external resistor when connected to a load. Refer to Section 3.4, "Config-
uration Straps and Programmable Functions" for additional information.
FIGURE 3-1:
56-VQFN PIN ASSIGNMENTS
Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field.
(Connect exposed pad to ground with a via field)
VSS
USB5742
56-VQFN
(To p V i ew )
4
5
6
7
8
9
10
11
39
38
37
36
35
34
33
32
USB3DN_RXDM1
USB3DN_RXDP1
USB2DN_DP2/PRT_DIS_P2
USB2DN_DM2/PRT_DIS_M2
USB3DN_TXDP2
USB3DN_TXDM2
VDD12
USB3DN_RXDP2
SPI_CE_N/CFG_NON_REM
SPI_DI/CFG_BC_EN
SPI_CLK/SMCLK
VDD12
VDD33
NC
VBUS_DET
SPI_DO/SMDAT
2
3
12
13
31
30
41
40
VDD12
USB3DN_TXDM1
USB3DN_TXDP1
USB2DN_DM1/PRT_DIS_M1
PRT_CTL1
PRT_CTL2
GPIO19
GPIO20/GANG_PWR
1
USB2DN_DP1/PRT_DIS_P1
14
USB3DN_RXDM2
29
NC
RESET_N
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com