Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742T-I/2G Datasheet(PDF) 12 Page - Microchip Technology

Part # USB5742T-I/2G
Description  2-Port SS/HS USB Controller Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742T-I/2G Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB5742T-I/2G Datasheet HTML 8Page - Microchip Technology USB5742T-I/2G Datasheet HTML 9Page - Microchip Technology USB5742T-I/2G Datasheet HTML 10Page - Microchip Technology USB5742T-I/2G Datasheet HTML 11Page - Microchip Technology USB5742T-I/2G Datasheet HTML 12Page - Microchip Technology USB5742T-I/2G Datasheet HTML 13Page - Microchip Technology USB5742T-I/2G Datasheet HTML 14Page - Microchip Technology USB5742T-I/2G Datasheet HTML 15Page - Microchip Technology USB5742T-I/2G Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
USB5742
DS00002016B-page 12
 2015-2016 Microchip Technology Inc.
Note 3:
Configuration strap values are latched on Power-On Reset (POR) and the rising edge of RESET_N (external
chip reset). Configuration straps are identified by an underlined symbol name. Signals that function as con-
figurations traps must be augmented with an external resistor when connected to a load. Refer to Section
3.4, "Configuration Straps and Programmable Functions" for additional information.
TABLE 3-5:
SPI/SMBUS PIN DESCRIPTIONS
Num
Pins
Symbol
Buffer
Type
Description
1
SPI_CE_N
O12
Active low SPI chip enable output.
GPIO7
I/O12
General purpose input/output 7.
CFG_NON_REM
I
Non-Removable Port Configuration Strap.
This configuration strap is used to configure the number of non-
removable ports. Refer to Section 3.4.3, "Non-Removable Port Con-
figuration (CFG_NON_REM)" for more information.
See Note 3.
1
SPI_CLK
O6
SPI clock output to the serial ROM, when configured for SPI opera-
tion.
SMCLK
OD12
SMBus clock pin, when configured for SMBus slave operation.
GPIO4
I/O6
General purpose input/output 4.
1
SPI_DO
O6
SPI data output, when configured for SPI operation.
SMDAT
I/O12
SMBus data pin, when configured for SMBus slave operation.
GPIO5
I/O6
General purpose input/output 5.
1
SPI_DI
IS
SPI data input, when configured for SPI operation.
GPIO9
I/O12
General purpose input/output 9.
CFG_BC_EN
I
Battery Charging Configuration Strap.
This configuration strap is used to enable battery charging. Refer to
Section 3.4.4, "Battery Charging Configuration (CFG_BC_EN)" for
more information.
See Note 3.
TABLE 3-6:
MISCELLANEOUS PIN DESCRIPTIONS
Num
Pins
Symbol
Buffer
Type
Description
1
RESET_N
IS
The RESET_N pin puts the device into Reset Mode, as the name of
the pin and function then align.
1
XTALI
ICLK
External 25 MHz crystal input
CLK_IN
ICLK
External reference clock input.
The device may alternatively be driven by a single-ended clock oscil-
lator. When this method is used, XTALO should be left unconnected.
1
XTALO
OCLK
External 25 MHz crystal output
1
RBIAS
AI
A 12.0 k
 (+/- 1%) resistor is attached from ground to this pin to set
the transceiver’s internal bias settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com