Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC52 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC52
Description  Dual-Channel Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC52 Datasheet(HTML) 2 Page - Microchip Technology

  TC52_15 Datasheet HTML 1Page - Microchip Technology TC52_15 Datasheet HTML 2Page - Microchip Technology TC52_15 Datasheet HTML 3Page - Microchip Technology TC52_15 Datasheet HTML 4Page - Microchip Technology TC52_15 Datasheet HTML 5Page - Microchip Technology TC52_15 Datasheet HTML 6Page - Microchip Technology TC52_15 Datasheet HTML 7Page - Microchip Technology TC52_15 Datasheet HTML 8Page - Microchip Technology TC52_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC52
DS20001430E-page 2
 2001-2015 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage ........................................................+12V
Output Current ...................................................50 mA
Output Voltage.......................VIN + 0.3V to VSS –0.3V
Power Dissipation
5-Pin SOT-23 ............................................100 mW
Operating Temperature Range.............-40°C to +85°C
Storage Temperature Range ..............-40°C to +125°C
† Notice:
Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications:
TA = 25°C, unless otherwise specified. Note 1.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Operating Voltage
VIN
1.5
—
10.0
V
VDF (T) = 1.5 to 5.0V
Supply Current
ISS
—
1.35
3.90
μAVIN1 =1.5V
—
1.50
4.50
VIN1 =2.0V
—
1.95
5.10
VIN1 =3.0V
—
2.40
5.70
VIN1 =4.0V
—
3.00
6.30
VIN1 =5.0V
Input Current VIN2
IIN2
—
0.45
1.30
μAVIN1 =1.5V
—
0.50
1.50
VIN1 =2.0V
—
0.65
1.70
VIN1 =3.0V
—
0.80
1.90
VIN1 =4.0V
—
1.00
2.10
VIN1 =5.0V
Channel 1
Detect Voltage
VDET1-VT1 x0.98
VT1 ±0.5%
VT1 x 1.02
V
Note 2
Channel 2
Detect Voltage
VDET2 -VT2 x0.98
VT2 ±0.5%
VT2 x 1.02
V
Note 2
Hysteresis Range 1
VHYS1
VDET1-x 0.02 VDET1-x 0.05 VDET1-x 0.08
V
Hysteresis Range 2
VHYS2
VDET2-x 0.02 VDET2-x 0.05 VDET2-x 0.08
V
Output Current
IOUT
0.3
2.2
—
mA
VOL = 0.5V, VIN1 =1.0V
3.0
7.7
—
VOL = 0.5V, VIN1 =2.0V
5.0
10.1
—
VOL = 0.5V, VIN1 =3.0V
6.0
11.5
—
VOL = 0.5V, VIN1 =4.0V
7.0
13.0
—
VOL = 0.5V, VIN1 =5.0V
Temperature
Characteristics
ΔVDET -/
(
ΔTOPR
VDET -)
—
±100
—
ppm/°C -40°C
≤ TOPR ≤ 85°C
Detection Time
tDLY
—
—
0.2
msec
Time from VIN =VDET-
to VOUT =VOL
Note 1:
Additional resistance between the VIN1 pin and the supply voltage may alter the electrical characteristics.
2:
VT1, VT2 are the factory-programmed voltage detection thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com