Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3301 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3301
Description  LM2900/LM3900/LM3301 Quad Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3301 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3301 Datasheet HTML 1Page - National Semiconductor (TI) LM3301 Datasheet HTML 2Page - National Semiconductor (TI) LM3301 Datasheet HTML 3Page - National Semiconductor (TI) LM3301 Datasheet HTML 4Page - National Semiconductor (TI) LM3301 Datasheet HTML 5Page - National Semiconductor (TI) LM3301 Datasheet HTML 6Page - National Semiconductor (TI) LM3301 Datasheet HTML 7Page - National Semiconductor (TI) LM3301 Datasheet HTML 8Page - National Semiconductor (TI) LM3301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
LM2900LM3900
LM3301
Supply Voltage
32 VDC
28 VDC
g
16 VDC
g
14 VDC
Power Dissipation (TA e 25 C) (Note 1)
Molded DIP
1080 mW
1080 mW
SO Package
765 mW
Input Currents IIN
a
or IIN
b
20 mADC
20 mADC
Output Short-Circuit DurationOne Amplifier
Continuous
Continuous
TA e 25 C (See Application Hints)
Operating Temperature Range
b
40 Cto a85 C
LM2900
b
40 Cto a85 C
LM3900
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
260 C
Soldering Information
Dual-In-Line Package
Soldering (10 sec)
260 C
260 C
Small Outline Package
Vapor Phase (60 sec)
215 C
215 C
Infrared (15 sec)
220 C
220 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect on Product Reliability’’ for other methods of soldering surface mount
devices
ESD tolerance (Note 7)
2000V
2000V
Electrical Characteristics TA e 25 C Va e 15 VDC unless otherwise stated
Parameter
Conditions
LM2900
LM3900
LM3301
Units
Min
Typ Max
Min
Typ Max
Min
Typ Max
Open
Voltage Gain
Over Temp
VmV
Loop
Voltage Gain
D
VO e 10 VDC
12
28
12
28
12
28
Input Resistance
Inverting Input
111
MX
Output Resistance
8
8
9
kX
Unity Gain Bandwidth
Inverting Input
25
25
25
MHz
Input Bias Current
Inverting Input V
a
e
5VDC
30
200
30
200
30
300
nA
Inverting Input
Slew Rate
Positive Output Swing
05
05
05
V ms
Negative Output Swing
20
20
20
Supply Current
RL e % On All Amplifiers
62
10
62
10
62
10
mADC
Output
VOUT High
RL e 2k
IIN
b
e
0
135
135
135
Voltage
V
a
e
150 VDC
IINa e 0
Swing
VOUT Low
IIN
b
e
10 mA
009
02
009
02
009
02
IIN
a
e
0VDC
VOUT High
V
a
e
Absolute
IIN
b
e
0
Maximum Ratings
IIN
a
e
0
295
295
260
RL e %
Output
Source
6
18
6
10
5
18
Current
Sink
(Note 2)
05
13
05
13
05
13
mADC
Capability
ISINK
VOL e 1V IIN
b
e
5 mA5
5
5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com