Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES-MINIMACRO Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RES-MINIMACRO
Description  High Voltage Ratings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-MINIMACRO Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RES-MINIMACRO Datasheet HTML 1Page - Ohmite Mfg. Co. RES-MINIMACRO Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
30
L
W
t
A
B
Qty./Reel
MMC06
0.063 ±.004
0.031 ±.006
0.018 ±.004
0.012 ±.004
0.012 ±.004
5000
1.6 ±0.1
0.8 ±0.15
0.45 ±0.1
0.3 ±0.1
0.3 ±0.1
MMC08
0.079 ±.004
0.049 ±.004
0.022 ±.004
0.016 ±.008
0.016 ±.008
5000
2.0 ±0.1
1.25 ±0.10
0.55 ±0.1
0.4 ±0.2
0.4 ±0.2
MMC12
0.126 ±.004
0.063 ±.006
0.022 ±.004
0.020 ±.01
0.020 ±.01
5000
3.2 ±0.1
1.6 ±0.15
0.55 ±0.1
0.5 ±0.25
0.5 ±0.25
MMC25
0.248 ±.004
0.126 ±.006
0.022 ±.004
0.024 ±.008
0.024 ±.008
4000
6.3 ±0.1
3.2 ±0.15
0.55 ±0.1
0.6 ±0.2
0.6 ±0.2
MMC12J4704ETP
Packaging
TP = Paper tape
(use on MMC06,
MMC08, MMC12)
TR = Embossed tape
(use on MMC25)
Type
Tolerance
F= 1%
G= 2%
J= 5%
K= 10%
Resistance
First 3 digits are
significant; 4th digit
is multiplier (# of
zeroes to follow).
Examples:
4704 = 4,700,000
1214 = 1,210,000
Use E96 values for 1%
Use E24 values for 5%
RoHS Compliant
Wattage
06 = 0.1
08 = 0.125
12 = 0.25
25 = 1.0
Note: Units are marked with 3-digit (E24 Series) or 4-digit (E96 Series). 4-digit
marking not available on MMC06 sizes.
Land Pattern
(in.) Dimensions are for reference only
L
O
M
N
Size
M
N
O
L
MMC06 0.075 0.024 0.041 0.027
MMC08 0.095 0.032 0.069 0.031
MMC12 0.146 0.040 0.080 0.066
MMC25 0.272 0.048 0.150 0.176
L
W
A
t
B
Mini Macro
chip series
High Voltage Thick Film SMD Chip
di M e N si ON s
(in./mm)
O rderi N g i NFO r M ati ON



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com