Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES-RX1M Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RES-RX1M
Description  Improved voltage stability
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-RX1M Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RES-RX1M Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
71
characteristics
dimensions
ordering information
Resistance
Range
1M to
10,000,000M
Power Rating 0.5W at 25°C
Voltage Rating 1.0KV
Temperature
Coefficient
as low as
50PPM/°C
rX-1m hi-meg
Ultra High Resistance
High Stability Hermetically Sealed
Handling and Cleaning of RX-1M Resistors:
These glass encapsulated resistors, especially
those of higher resistance value, require extraor-
dinary cleanliness. These resistors should be
handled by the terminals, unless gloves are worn.
Fingerprints on the surface of the resistor will
attract contaminants and moisture, which will
cause a parallel resistance path, reducing the
resistance value of the device. If cleaning should
become necessary, use isopropyl alcohol and light-
ly wipe dry with lint free tissues such as Kimwipes.
1.875"/
47.63 mm max.
0.9"/
22.9 mm
min.
0.9"/
22.9 mm
min.
0.198"/
5.0 mm
dia. max.
0.025" ±.002
0.64 mm
RX-1M1006F E
Hi-Meg
Series
Tolerance
D= 0.5%
F= 1%
G= 2%
J= 5%
K= 10%
M= 15%
P= 20%
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
1506 = 150 M
Ω
1509 = 150 G
Ω
150A = 1.5 T
Ω
100B = 10 T
Ω
RoHS
Compliant
These Hi-Meg resistors are designed
for use in electrometer circuits
where a high order of performance
is required. These resistors achieve
a high degree of accuracy and
stability, and operate at this high
performance level for an extended
period of time. By being vacuum
sealed in a glass envelope, these
Hi-Megs are suitable for ultra-high
vacuum applications.
f ea tures
•Glasssealedhermetricresistors
•Improvedtemperaturestability
•Improvedvoltagestability
•Metaloxideresistiveelements
•Nooutgassing
•RoHScompliant
•Calibrationavailable
a pplica tions
•Ultrahighvacuum
•Medicalinstrumentation
•Currentpulselimiters
•Avionics


Similar Part No. - RES-RX1M

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-RW OHMITE-RES-RW Datasheet
374Kb / 2P
Wide Resistance Range
RES-RW1-RW2 OHMITE-RES-RW1-RW2 Datasheet
344Kb / 2P
Extremely low resistance and high precision tolerance
More results

Similar Description - RES-RX1M

ManufacturerPart #DatasheetDescription
logo
Bi technologies
NQS16 BITECH-NQS16 Datasheet
263Kb / 5P
Improved performance over silicon substrates in stray capacitance, frequency response and stability
NQS20 BITECH-NQS20 Datasheet
263Kb / 5P
Improved performance over silicon substrates in stray capacitance, frequency response and stability
NQS24 BITECH-NQS24 Datasheet
263Kb / 5P
Improved performance over silicon substrates in stray capacitance, frequency response and stability
logo
STMicroelectronics
L6599ATD STMICROELECTRONICS-L6599ATD Datasheet
864Kb / 31P
Improved high-voltage resonant controller
30-Oct-2009
L6599AN STMICROELECTRONICS-L6599AN Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
logo
Vectron International, ...
MT-9560A VECTRON-MT-9560A Datasheet
652Kb / 7P
Improved stability reduces system power with fewer network timekeeping updates
logo
TT Electronics.
PWC TTELEC-PWC Datasheet
672Kb / 4P
improved working voltage
logo
Laird Tech Smart Techno...
IN24-5RD LSTD-IN24-5RD Datasheet
348Kb / 1P
Improved detent for better position stability
logo
STMicroelectronics
L6599AT STMICROELECTRONICS-L6599AT Datasheet
977Kb / 32P
Improved high voltage resonant controller
29-Jul-2015
logo
MKS Instruments.
AA02A MKS-AA02A Datasheet
270Kb / 4P
All-digital architecture and improved thermal management provides better long-term stability, improved accuracy and increased reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com