Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC861 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC861
Description  Teeny??Ultra-Low-Power Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC861 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC861 Datasheet HTML 1Page - Micrel Semiconductor MIC861 Datasheet HTML 2Page - Micrel Semiconductor MIC861 Datasheet HTML 3Page - Micrel Semiconductor MIC861 Datasheet HTML 4Page - Micrel Semiconductor MIC861 Datasheet HTML 5Page - Micrel Semiconductor MIC861 Datasheet HTML 6Page - Micrel Semiconductor MIC861 Datasheet HTML 7Page - Micrel Semiconductor MIC861 Datasheet HTML 8Page - Micrel Semiconductor MIC861 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC861
September 9, 2014
3
Revision 3.0
Absolute Maximum Ratings
(2)
Supply Voltage (VV+ – VV-)...........................................+6.0V
Differential Input Voltage |VIN+ – VIN-| ..........................+6.0V
Input Voltage (VIN+ – VIN-) ...................... V+ + 0.3V, V- - 0.3V
Lead Temperature (soldering, 5s).............................. 260°C
Output Short Circuit Current Duration ....................Indefinite
Storage Temperature (Ts).......................................... 150°C
ESD Rating.................................................................Note 4
Operating Ratings
(3)
Supply Voltage (VV+ – VV-) ....................... +2.43V to +5.25V
Ambient Temperature (TA) .......................... –40°C to +85°C
Junction Thermal Resistance
5-Pin SC70 (
Ɵ
JA) ............................................. 450°C/W
Electrical Characteristics
(5)
V+ = +2.7V, V- = 0V, VCM = V+/2; RL = 500kΩ to V+/2; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOS
Input Offset Voltage
Note 6
-10
2
10
mV
Input Offset Voltage
Temperature Coefficient
15
µV/°C
IB
Input Bias Current
20
pA
IOS
Input Offset Current
10
pA
VCM
Input Voltage Range
CMRR >60dB
1.8
V
CMRR
Common Mode Rejection Ratio
0 < VCM < 1.35V
45
77
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of 3V
50
83
dB
AVOL
Large Signal Voltage Gain
RL = 100kΩ, VOUT = 2V peak-to-peak
60
74
dB
RL = 500kΩ, VOUT = 2V peak-to-peak
73
83
dB
VOUT
Maximum Output Voltage Swing
RL = 500kΩ
V ±2mV
V
±0.7mV
V
VOUT
Minimum Output Voltage Swing
RL = 500kΩ
V
±0.2mV
V ±2mV
V
GBW
Gain-Bandwidth Product
RL = 200kΩ, CL = 2pF, VOUT = 0
350
kHz
BW
–3dB Bandwidth
AV = 1, CL = 2pF, RL = 1MΩ
500
kHz
SR
Slew Rate
AV = 1, CL = 2pF, RL = 1MΩ
0.12
V/µs
ISC
Short-Circuit Output Current
Source
6
mA
Sink
5
mA
IS
Supply Current
No load
4.2
9
µA
Notes:
2.
Exceeding the absolute maximum ratings may damage the device.
3.
The device is not guaranteed to function outside its operating ratings.
4.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF. Pin 4 is ESD sensitive.
5.
Specification for packaged product only. Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in
particular, input bias will likely increase).
6.
The offset voltage distribution is centered around 0V. The typical offset number shown is equal to the standard deviation of the voltage offset
distribution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com