Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FERD30H100SH Datasheet(PDF) 13 Page - STMicroelectronics

Part # FERD30H100SH
Description  100 V field-effect rectifier diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30H100SH Datasheet(HTML) 13 Page - STMicroelectronics

Back Button FERD30H100SH Datasheet HTML 6Page - STMicroelectronics FERD30H100SH Datasheet HTML 7Page - STMicroelectronics FERD30H100SH Datasheet HTML 8Page - STMicroelectronics FERD30H100SH Datasheet HTML 9Page - STMicroelectronics FERD30H100SH Datasheet HTML 10Page - STMicroelectronics FERD30H100SH Datasheet HTML 11Page - STMicroelectronics FERD30H100SH Datasheet HTML 12Page - STMicroelectronics FERD30H100SH Datasheet HTML 13Page - STMicroelectronics FERD30H100SH Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FERD30H100S
Ordering information
DocID029159 Rev 1
13/14
3
Ordering information
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
FERD30H100STS
FD30H100STS
TO-220AB
1.38 g
50
Tube
FERD30H100SH
FD30 H100S
IPAK
0.32 g
75
Tube
FERD30H100SB-TR
FD30 H100S
DPAK
0.35 g
2500
Tape and reel
4
Revision history
Table 9: Document revision history
Date
Revision
Changes
07-Apr-2016
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com