Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA75M65DF2 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STGWA75M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 75 A low loss
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA75M65DF2 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STGWA75M65DF2 Datasheet HTML 9Page - STMicroelectronics STGWA75M65DF2 Datasheet HTML 10Page - STMicroelectronics STGWA75M65DF2 Datasheet HTML 11Page - STMicroelectronics STGWA75M65DF2 Datasheet HTML 12Page - STMicroelectronics STGWA75M65DF2 Datasheet HTML 13Page - STMicroelectronics STGWA75M65DF2 Datasheet HTML 14Page - STMicroelectronics STGWA75M65DF2 Datasheet HTML 15Page - STMicroelectronics STGWA75M65DF2 Datasheet HTML 16Page - STMicroelectronics STGWA75M65DF2 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STGW75M65DF2, STGWA75M65DF2
16/17
DocID028695 Rev 2
5
Revision history
Table 10: Document revision history
Date
Revision
Changes
02-Dec-2015
1
First release.
15-Jun-2016
2
Inserted device in TO-247 and document updated accordingly.
Inserted Section 2.1: "Electrical characteristics(curves)".
Document status promoted from preliminary to production data.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com