Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB611 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSB611
Description  Low-power, rail-to-rail output, 36 V operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB611 Datasheet(HTML) 4 Page - STMicroelectronics

  TSB611 Datasheet HTML 1Page - STMicroelectronics TSB611 Datasheet HTML 2Page - STMicroelectronics TSB611 Datasheet HTML 3Page - STMicroelectronics TSB611 Datasheet HTML 4Page - STMicroelectronics TSB611 Datasheet HTML 5Page - STMicroelectronics TSB611 Datasheet HTML 6Page - STMicroelectronics TSB611 Datasheet HTML 7Page - STMicroelectronics TSB611 Datasheet HTML 8Page - STMicroelectronics TSB611 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical characteristics
TSB611
4/24
DocID028074 Rev 1
2
Electrical characteristics
Table 3: Electrical characteristics at Vcc+ = 2.7 V with Vcc- = 0 V, Vicm = Vcc/2, Tamb = 25 °C,
and RL = 10 kΩ connected to Vcc/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
-1
1
mV
-40 °C < T< 125 °C
-1.6
1.6
ΔVio/ΔT
Input offset voltage drift
-40 °C < T< 125 °C
1.8
6
μV/°C
Iio
Input offset current
1
5
nA
-40 °C < T< 125 °C
10
Iib
Input bias current
5
10
-40 °C < T< 125 °C
15
CMR
Common mode rejection
ratio: 20 log (ΔVicm/ΔVio)
Vicm = 0 V to Vcc+ -1 V,
Vout = Vcc/2
90
115
dB
-40 °C < T< 125 °C
85
Avd
Large signal voltage gain
Vout = 0.5 V to (Vcc+ - 0.5 V)
98
102
-40 °C < T< 125 °C
94
VOH
High level output voltage
(voltage drop from Vcc+)
13
25
mV
-40 °C < T< 125 °C
30
VOL
Low level output voltage
26
30
-40 °C < T< 125 °C
35
Iout
Isink
Vout = Vcc
13
20
mA
-40 °C < T< 125 °C
10
Isource
Vout = 0 V
20
28
-40 °C < T< 125 °C
7
ICC
Supply current
(per channel)
No load, Vout = Vcc/2
92
110
µA
-40 °C < T< 125 °C
125
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
480
kHz
Fu
Unity gain frequency
RL = 10 kΩ, CL = 100 pF
430
Фm
Phase margin
RL = 10 kΩ, CL = 100 pF
60
Degrees
Gm
Gain margin
RL = 10 kΩ, CL = 100 pF
18
dB
SR+
Positive slew rate
RL = 10 kΩ, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5 V
0.13
0.18
V/μs
SR-
Negative slew rate
RL = 10 kΩ, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5 V
0.10
0.14
en
Equivalent input noise
voltage
f = 1 kHz
37
nV/√Hz
f = 10 kHz
32
THD+N
Total harmonic distortion +
noise
fin = 1 kHz, Gain = 1, RL = 100 kΩ,
Vicm = (Vcc - 1 V)/2, BW = 22 kHz,
Vout = 1 Vpp
0.005
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com