Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD404 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXDD404
Description  4 Amp Dual Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD404 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXDD404 Datasheet HTML 2Page - IXYS Corporation IXDD404 Datasheet HTML 3Page - IXYS Corporation IXDD404 Datasheet HTML 4Page - IXYS Corporation IXDD404 Datasheet HTML 5Page - IXYS Corporation IXDD404 Datasheet HTML 6Page - IXYS Corporation IXDD404 Datasheet HTML 7Page - IXYS Corporation IXDD404 Datasheet HTML 8Page - IXYS Corporation IXDD404 Datasheet HTML 9Page - IXYS Corporation IXDD404 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PRELIMINARY DATA SHEET
IXDD404PI/404SI/404SIA/404SI-16
Propagation Delay vs. Supply Voltage
C
L=1800pF VIN=5V@1kHz
Supply Voltage (V)
8
101214
1618
0
10
20
30
40
50
tONDLY
tOFFDLY
Propagation Delay vs. Input Voltage
C
L=1800pF VCC=15V
Input Voltage (V)
02468
10
12
0
10
20
30
40
50
60
tONDLY
tOFFDLY
Fig. 16
Fig. 15
Propagation Delay Times vs. Temperature
C
L=1800pF VCC=18V
Temperature (°C)
-40
-20
0
20406080
100
120
10
15
20
25
30
35
40
45
50
55
60
tOFFDLY
tONDLY
Fig. 17
Quiescent Supply Current vs. Temperature
V
CC=18V VIN=5V@1kHz CL=1000pF
Temperature (oC)
-40
-20
0
20
406080
0.14
0.16
0.18
0.20
0.22
0.24
0.26
Fig. 18
PChannel Output Current Vs. Temperature
V
CC=18V, CL=1000pF
Temperature (oC)
-40
-20
0
204060
80
100
3
4
5
6
Fig. 19
NChannel Output Current Vs. Temperature
V
CC=18V, CL=1000pF
Temperature (oC)
-40
-20
0
2040
6080
100
3
4
5
6
Fig. 20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com