Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1812 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ISC-1812
Description  Surface Mount, Molded, Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC-1812 Datasheet(HTML) 1 Page - Vishay Siliconix

  ISC-1812 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.vishay.com
60
ISC-1812
Vishay Dale
Document Number 34061
Revision 28-Aug-02
For technical questions, contact Magnetics@vishay.com
Surface Mount, Molded, Shielded Inductors
FEATURES
• Molded construction provides superior strength and moisture
resistance.
• Tape and reel packaging for automatic handling, 2000/reel,
EIA 481.
• Compatible with vapor phase and infrared reflow soldering.
• Shielded construction minimizes coupling to other
components.
STANDARD ELECTRICAL SPECIFICATIONS
IND.
(
µH) TOL.
Q
MIN.
TEST
FREQ.
L & Q
(MHz)
SELF-
RESONANT
FREQ. MIN.
(MHz)
DCR
MAX.
(Ohms)
RATED
DC
CURRENT
(mA)
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.10
µH to 1000µH.
Inductance Tolerance:
± 20% for 0.10µH to 0.82µH.
± 10% for 1.0µH to 1000µH standard.
± 10%, ± 5%, ± 3% and 2% (also 1% on some values)
available.
Temperature Range: - 55
°C to + 125°C.
Coilform Material: Non-Magnetic for 0.10
µH to 0.82µH.
Powdered iron for 1.0
µH to 22µH. Ferrite for 27µH to 1000µH.
TEST EQUIPMENT
• H/P 4342A Q-meter with Vishay Dale test fixture or equivalent.
• H/P 4191A RF Impedance Analyzer (for SRF measurements).
• Wheatstone bridge.
*Recommended minimum spacing between components.
DESCRIPTION
— Vishay Dale
— Inductance value
— Date code
ISC-1812
MODEL
10
µH
INDUCTANCE
VALUE
± 10%
INDUCTANCE
TOLERANCE
PART MARKING
COUPLING SPECIFICATIONS [maximum]
DIMENSIONS in inches [millimeters]
INDUCTANCE (
µH)
10
5
1
0.5
1
5
10
50 100
5001000
0.037
± 0.008
[0.940
± 0.203]
0.126
±0.008
[3.20
±0.203]
0.059
[1.5]
0.059
[1.5]
0.158
[4.0]
0.158
[4.0]
0.024*
[0.6]
0.181
[4.6]
0.006
[0.152]
Ref.
Typ.
0.030
±
0.004
[0.762
±
0.102]
Typ.
0.124 [3.15]
Ref.
0.050 + 0.004
- 0.008
[1.27 + 0.102]
- 0.203]
0.177
± 0.008
[4.50
± 0.203]
Guidelines for
Parallel Component
Printed Circuit
Mounting Pads on
ISC-1812
Chip Inductors
0.126
± 0.008
[3.20
± 0.203]
0.118
[3.0]
552
519
491
468
441
418
394
342
306
296
271
242
447
429
418
403
390
378
357
344
336
333
306
292
279
265
252
238
227
212
202
192
183
173
164
156
147
139
130
111
105
101
96
92
87
82
76
72
66
0.23
0.26
0.29
0.32
0.36
0.40
0.45
0.60
0.75
0.80
0.95
1.20
0.35
0.38
0.40
0.43
0.46
0.49
0.55
0.59
0.62
0.69
0.75
0.82
0.90
1.0
1.10
1.24
1.36
1.56
1.72
1.89
2.10
2.34
2.60
2.86
3.25
3.64
4.16
5.72
6.30
6.90
7.54
8.20
9.20
10.50
12.0
13.50
16.0
460.0
400.0
390.0
350.0
310.0
280.0
240.0
215.0
205.0
195.0
165.0
155.0
140.0
120.0
100.0
90.0
80.0
67.0
61.0
56.0
50.0
40.0
32.0
30.0
25.0
22.0
18.0
15.0
14.0
13.0
12.0
11.0
9.0
8.0
7.6
7.2
7.0
6.0
5.0
4.5
4.2
4.0
3.7
3.5
3.3
2.8
2.6
2.2
2.0
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.252
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
40
40
40
40
40
40
40
40
40
40
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
SAP PART NUMBERING GUIDELINES (INTERNAL)
PRODUCT FAMILY
SIZE
See the end of this data book for conversion tables
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
IS
C
1
8
1
2
R
V
1
0
0
K


Similar Part No. - ISC-1812

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1812 VISHAY-ISC-1812 Datasheet
282Kb / 3P
Surface Mount, Molded, Shielded Inductors
22-May-07
ISC-1812 VISHAY-ISC-1812 Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC-1812 VISHAY-ISC-1812 Datasheet
91Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC-1812 VISHAY-ISC-1812 Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC-1812 VISHAY-ISC-1812 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
More results

Similar Description - ISC-1812

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1812 VISHAY-ISC-1812 Datasheet
282Kb / 3P
Surface Mount, Molded, Shielded Inductors
22-May-07
ISC1812ER121K VISHAY-ISC1812ER121K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812ER101K VISHAY-ISC1812ER101K Datasheet
91Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812RQ1R0K VISHAY-ISC1812RQ1R0K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812ES101K VISHAY-ISC1812ES101K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
IMC-2220 VISHAY-IMC-2220 Datasheet
48Kb / 1P
Surface Mount, Molded Inductors
06-Mar-03
ISC-1210 VISHAY-ISC-1210_17 Datasheet
80Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1812 VISHAY-ISC-1812_17 Datasheet
94Kb / 3P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1210 VISHAY-ISC-1210_V01 Datasheet
63Kb / 2P
Wirewound, Surface-Mount, Molded, Shielded Inductors
10-Sep-2019
ISC-1812 VISHAY-ISC-1812_V01 Datasheet
84Kb / 3P
Wirewound, Surface-Mount, Molded, Shielded Inductors
10-Sep-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com