Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI404 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDI404
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI404 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDI404 Datasheet HTML 2Page - IXYS Corporation IXDI404 Datasheet HTML 3Page - IXYS Corporation IXDI404 Datasheet HTML 4Page - IXYS Corporation IXDI404 Datasheet HTML 5Page - IXYS Corporation IXDI404 Datasheet HTML 6Page - IXYS Corporation IXDI404 Datasheet HTML 7Page - IXYS Corporation IXDI404 Datasheet HTML 8Page - IXYS Corporation IXDI404 Datasheet HTML 9Page - IXYS Corporation IXDI404 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
IXDN404PI / N404SI / N404SI-16
IXDI404PI / I404SI / I404SI-16
IXDF404PI / F404SI / F404SI-16
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
IN A
GND
INB
OUT A
V
S
OUT B
NC
NC
8 Lead PDIP (PI)
8 Pin SOIC (SI)
IXDN404
1
2
3
4
5
6
7
8
IN A
GND
INB
OUT A
V
S
OUT B
NC
NC
8 Lead PDIP (PI)
8 Pin SOIC (SI)
IXDI404
16 Pin SOIC
IXDN404SI-16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
IN A
NC
GND
GND
NC
IN B
NC
NC
OUT B
OUT B
VCC
VCC
OUT A
OUT A
NC
1
2
3
4
5
6
7
8
IN A
GND
INB
OUT A
V
S
OUT B
NC
NC
8 Lead PDIP (PI)
8 Pin SOIC (SI)
IXDF404
16 Pin SOIC
IXDI404SI-16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
IN A
NC
GND
GND
NC
IN B
NC
NC
OUT B
OUT B
VCC
VCC
OUT A
OUT A
NC
16 Pin SOIC
IXDF404SI-16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
IN A
NC
GND
GND
NC
IN B
NC
NC
OUT B
OUT B
VCC
VCC
OUT A
OUT A
NC
When designing a circuit to drive a high speed MOSFET
utilizing the IXDN404/IXDI404/IXDF404, it is very important to
observe certain design criteria in order to optimize performance
of the driver. Particular attention needs to be paid to Supply
Bypassing, Grounding, and minimizing the Output Lead
Inductance.
Say, for example, we are using the IXDN404 to charge a 2500pF
capacitive load from 0 to 25 volts in 25ns.
Using the formula: I=
∆V C / ∆t, where ∆V=25V C=2500pF &
∆t=25ns, we can determine that to charge 2500pF to 25 volts
in 25ns will take a constant current of 2.5A. (In reality, the
charging current won’t be constant, and will peak somewhere
around 4A).
SUPPLYBYPASSING
In order for our design to turn the load on properly, the IXDN404
must be able to draw this 2.5A of current from the power supply
in the 25ns. This means that there must be very low impedance
between the driver and the power supply. The most common
method of achieving this low impedance is to bypass the power
supply at the driver with a capacitance value that is a magnitude
larger than the load capacitance.
Usually, this would be
achieved by placing two different types of bypassing capacitors,
with complementary impedance curves, very close to the driver
itself.
(These capacitors should be carefully selected, low
inductance, low resistance, high-pulse current-service
capacitors). Lead lengths may radiate at high frequency due
to inductance, so care should be taken to keep the lengths of
the leads between these bypass capacitors and the IXDN404
to an absolute minimum.
GROUNDING
In order for the design to turn the load off properly, the IXDN404
must be able to drain this 2.5A of current into an adequate
grounding system. There are three paths for returning current
that need to be considered: Path #1 is between the IXDN404
and its load. Path #2 is between the IXDN404 and its power
supply. Path #3 is between the IXDN404 and whatever logic is
driving it. All three of these paths should be as low in resistance
and inductance as possible, and thus as short as practical. In
addition, every effort should be made to keep these three
ground paths distinctly separate.
Otherwise, the returning
ground current from the load may develop a voltage that would
have a detrimental effect on the logic line driving the IXDN404.
OUTPUTLEADINDUCTANCE
Of equal importance to Supply Bypassing and Grounding are
issues related to the Output Lead Inductance. Every effort
should be made to keep the leads between the driver and its
load as short and wide as possible. If the driver must be placed
farther than 2” (5mm) from the load, then the output leads
should be treated as transmission lines. In this case, a twisted-
pair should be considered, and the return line of each twisted
pair should be placed as close as possible to
the ground pin
of the driver, and connected directly to the ground terminal
of the load.
Supply Bypassing, Grounding Practices And Output Lead inductance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com