Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7580MPbF Datasheet(PDF) 11 Page - International Rectifier

Part # IRF7580MPbF
Description  DirectFET짰 N-Channel Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7580MPbF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF7580MPbF Datasheet HTML 3Page - International Rectifier IRF7580MPbF Datasheet HTML 4Page - International Rectifier IRF7580MPbF Datasheet HTML 5Page - International Rectifier IRF7580MPbF Datasheet HTML 6Page - International Rectifier IRF7580MPbF Datasheet HTML 7Page - International Rectifier IRF7580MPbF Datasheet HTML 8Page - International Rectifier IRF7580MPbF Datasheet HTML 9Page - International Rectifier IRF7580MPbF Datasheet HTML 10Page - International Rectifier IRF7580MPbF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
 
IRF7580MTRPbF
 
11
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
February 13, 2014
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
DirectFET® Tape & Reel Dimension (Showing component orientation).
Qualification Information†  
Qualification Level  
Industrial
(per JEDEC JESD47F†† guidelines)
Moisture Sensitivity Level
DFET 1.5
MSL3
(per JEDEC J-STD-020D††)
RoHS Compliant
Yes
 
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Applicable version of JEDEC standard at the time of product release.
* Industrial qualification standards except autoclave test conditions.
LOADED TAPE FEED DIRECTION
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
IMPERIAL
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
METRIC
DIMENSIONS
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF7580MTRPBF). For 1000 parts on 7"
reel, order IRF7580MTR1PBF
REEL DIMENSIONS
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
IMPERIAL
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
STANDARD OPTION (QTY 4800)
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
METRIC
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
TR1 OPTION (QTY 1000)
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
IMPERIAL
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com