Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2940 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2940
Description  1A Low Dropout Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2940 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2940 Datasheet HTML 1Page - National Semiconductor (TI) LM2940 Datasheet HTML 2Page - National Semiconductor (TI) LM2940 Datasheet HTML 3Page - National Semiconductor (TI) LM2940 Datasheet HTML 4Page - National Semiconductor (TI) LM2940 Datasheet HTML 5Page - National Semiconductor (TI) LM2940 Datasheet HTML 6Page - National Semiconductor (TI) LM2940 Datasheet HTML 7Page - National Semiconductor (TI) LM2940 Datasheet HTML 8Page - National Semiconductor (TI) LM2940 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Electrical Characteristics (Continued)
V
IN =VO + 5V, IO = 1A, CO = 22 µF, unless otherwise specified. Boldface limits apply over the entire operating tempera-
ture range of the indicated device. All other specifications apply for T
A =TJ = 25˚C.
Output Voltage (V
O)5V
8V
Units
LM2940
LM2940/883
LM2940
LM2940/883
Parameter
Conditions
Typ
Limit
Limit
Typ
Limit
Limit
(Note 4)
(Note 5)
(Note 4)
(Note 5)
Maximum Line
R
O = 100
Ω
V
MIN
Transient
LM2940, T
≤ 100 ms
75
60/60
75
60/60
LM2940/883, T
≤ 20 ms
40/40
40/40
LM2940C, T
≤ 1 ms
5545
5545
Reverse Polarity
R
O = 100
Ω
DC Input Voltage
LM2940, LM2940/883
−30
−15/−15
−15/−15
−30
−15/−15
−15/−15
V
MIN
LM2940C
−30
−15
−30
−15
Reverse Polarity
R
O = 100
Ω
Transient Input
LM2940, T
≤ 100 ms
−75
−50/−50
−75
−50/−50
V
MIN
Voltage
LM2940/883, T
≤ 20 ms
−45/−45
−45/−45
LM2940C, T
≤ 1 ms
−55
−45/−45
Electrical Characteristics
V
IN =VO + 5V, IO = 1A, CO = 22 µF, unless otherwise specified. Boldface limits apply over the entire operating tempera-
ture range of the indicated device. All other specifications apply for T
A =TJ = 25˚C.
Output Voltage (V
O)
9V
10V
Units
Parameter
Conditions
Typ
LM2940
Typ
LM2940
Limit
Limit
(Note 4)
(Note 4)
10.5V
≤ V
IN
≤ 26V
11.5V
≤ V
IN
≤ 26V
Output Voltage
5 mA
≤ I
O
≤1A
9.00
8.73/8.55
10.00
9.70/9.50
V
MIN
9.27/9.45
10.30/10.50
V
MAX
Line Regulation
V
O +2V
≤ V
IN
≤ 26V,
20
90
20
100
mV
MAX
I
O =5 mA
Load Regulation
50 mA
≤ I
O
≤ 1A
LM2940
60
90/150
65
100/165
mV
MAX
LM2940C
60
90
Output Impedance
100 mADC and
20 mArms,
60
65
m
Ω
f
O = 120 Hz
Quiescent
V
O +2V
≤ V
IN < 26V,
Current
I
O =5 mA
LM2940
10
15/20
10
15/20
mA
MAX
LM2940C
10
15
V
IN =VO + 5V, IO = 1A
30
45/60
30
45/60
mA
MAX
Output Noise
10 Hz − 100 kHz,
270
300
µV
rms
Voltage
I
O =5 mA
Ripple Rejection
f
O = 120 Hz, 1 Vrms,
I
O = 100 mA
LM2940
64
52/46
63
51/45
dB
MIN
LM2940C
64
52
Long Term
Stability
34
36
mV/
1000 Hr
Dropout Voltage
I
O = 1A
0.5
0.8/1.0
0.5
0.8/1.0
V
MAX
I
O = 100 mA
110
150/200
110
150/200
mV
MAX
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com