Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SINK-R2 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # SINK-R2
Description  Reduced Assembly Cost
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SINK-R2 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  SINK-R2 Datasheet HTML 1Page - Ohmite Mfg. Co. SINK-R2 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
178
Surface
Thermal
Heatsink
Area
Weight
Resistance*
Part Number
(in2/mm2)
(oz/g)
(°C/W)
R2V-CT2-38E
21 / 13,579
0.92 / 26
9.8
R2A-CT2-38E
21 / 13,579
0.92 / 26
8.6
R2V-CT4-38E
21 / 13,579
1.02 / 29
9.8
R2A-CT4-38E
21 / 13,579
1.02 / 29
8.6
R2V-CT6-38E
21 / 13,579
1.02 / 29
9.8
R2A-CT6-38E
21 / 13,579
1.02 / 29
8.6
*Free convection at 15W
Ohmite’s R2 Series (patent pending) heatsink pro-
vides a large surface area along with our C Series
clipping mechanism to attach to a TO-220, TO-247,
or TO-264 package. The self-aligning features of the
clip assure secure attachment and enhanced thermal
performance. Because no screws are required for
device mounting, additional fins can be added to the
rear side of the heatsink for increased total surface
area in a more compact space.
FEA TURES
Reduced Assembly Cost: C Series camming clips
make fasteners and fixtures obsolete, along with
stray metal filings from tapped holes.
Maximum Repeatability: clamping force of the clip
is not degraded by repeated loading and unloading.
Maximum Heat Transfer per Unit Space: maximum
surface area per unit volume and consistent mount-
ing force reduces thermal resistance
Maximum Resistance to Shock and Vibration: light
weight, resilient clips lock the component in place
and are highly resistant to shock and vibration
Maximum Reliability: helps prevent short circuits
by eliminating metal particles from thread tapping
RoHS compliant
R2 Series
For TO-220, TO-247, and TO-264
ch ARA c TER i ST ic S
Heat Sink
Aluminum Alloy 6063-T5 or Equivalent with either degreased or black anodized
finish
Spring Clip
Music Wire, Per ASTM A228 with bright nickel plating
Solder Foot
Cold-rolled Steel, Per ASTM A-366 with pure tin over copper strike. RoHS compli-
ant
Interface Thermal Resistance
for improvement, use thermal joint compound, 0.005 Grafoil (TGon 800 by Laird),
or phase change material (Hi-Flow by Bergquist)
Insulato
r (Optional) Sil-Pad 900-S, K6 800-S and K10
SER i ES SPE ci F ic AT i ONS
(continued)


Similar Part No. - SINK-R2

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SINK-AH OHMITE-SINK-AH Datasheet
494Kb / 2P
Multiple finishes available
SINK-C OHMITE-SINK-C Datasheet
525Kb / 2P
Maximum Repeatability Constant spring force over repeated assembly/disassembly
SINK-C40 OHMITE-SINK-C40 Datasheet
386Kb / 2P
40mm fan with 4 self-tapping M3 screws
SINK-C60 OHMITE-SINK-C60 Datasheet
497Kb / 2P
Ohmite introduces the powerful B60
SINK-CP4 OHMITE-SINK-CP4 Datasheet
436Kb / 2P
Designed for Ohmite products
More results

Similar Description - SINK-R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-916-PW-RA ETC2-ANT-916-PW-RA Datasheet
170Kb / 1P
Reduced-height helical whip
logo
Integrated Silicon Solu...
IS49NLC96400A ISSI-IS49NLC96400A Datasheet
980Kb / 36P
Reduced cycle time
logo
Dubilier
DXT493 DUBILIER-DXT493 Datasheet
173Kb / 1P
REDUCED HEIGHT
logo
Xilinx, Inc
DS482 XILINX-DS482 Datasheet
188Kb / 5P
Utility Reduced Logic
logo
Ohmite Mfg. Co.
SINK-M OHMITE-SINK-M Datasheet
366Kb / 2P
Minimum assembly cost and labor
logo
Molex Electronics Ltd.
1061810007 MOLEX1-1061810007 Datasheet
54Kb / 1P
MTP Adapter Assembly, Reduced Flange, 1.75mm Panel Thickness, Snap Mount,Black
logo
STMicroelectronics
FERD40U50C STMICROELECTRONICS-FERD40U50C Datasheet
150Kb / 8P
Reduced leakage current
June 2015 Rev 1
STH240N75F3-2 STMICROELECTRONICS-STH240N75F3-2 Datasheet
878Kb / 18P
Conduction losses reduced
July 2012 Rev 2
STS15N4LLF5 STMICROELECTRONICS-STS15N4LLF5 Datasheet
588Kb / 12P
Conduction losses reduced
April 2010 Rev 1
logo
Cirrus Logic
CRD1615A-8W CIRRUS-CRD1615A-8W Datasheet
2Mb / 21P
Reduced BOM Cost Compared to CS1615
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com