Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEA100F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LEA100F
Description  Basic Characteristics Data
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEA100F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LEA100F Datasheet HTML 1Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 2Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 3Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 4Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 5Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LEA-14
4.2 Derating
n
n
The operative ambient temperature is different by with / without
case cover or mounting position. Please refer drawings as below.
In case , ventilation must keep the temperature of C119 below
85 . See External View for the location of C119.
Note: In the hatched area, the specification of Ripple, Ripple Noise
is different from other area.
Please be careful of electric shock or earth leakage in case of
temperature measurement, because C119 is live potential.
lLEA50F
lLEA50F- -SN (Requirement: Min. AC90V)
lLEA75F
lLEA75F- -SN (Requirement: Min. AC90V)
lLEA100F
lLEA100F- -SN (Requirement: Min. AC90V)
Ambient temperature [ ]
20
0
-10
0
10203040506070
40
60
80
100
Convection
(D), (E), (F) mounting
(B), (C) mounting
(A) mounting
Forced air (0.5m /min)
3
Ambient temperature [ ]
20
0
-10
0
102030405060
40
60
80
100
Convection
(D), (E) mounting
(B), (C) mounting
(A) mounting
Forced air (0.5m /min)
3
Ambient temperature [ ]
20
0
-10
0
10203040506070
40
60
80
100
Convection
(E), (F) mounting
(B), (C), (D) mounting
(A) mounting
Forced air (0.5m /min)
3
Ambient temperature [ ]
20
0
-10
0
102030405060
40
60
80
100
Convection
(B), (E) mounting
(C), (D) mounting
(A) mounting
Forced air (0.5m /min)
3
Ambient temperature [ ]
20
0
-10
0
10203040506070
40
60
80
100
Convection
(B), (C), (D), (E), (F) mounting
(A) mounting
Forced air (0.5m /min)
3
Ambient temperature [ ]
20
0
-10
0
102030405060
40
60
80
100
Convection
(B), (C), (D), (E) mounting
(A) mounting
Forced air (0.5m /min)
3
CN1
2
=4mm min
CN1
2
1
=8mm min
2
2
4 Assembling and
Installation Method
4.1 Installation method
n
n
When two or more power supplies are used side by side, position
them with proper intervals to allow enough air ventilation. Ambient
temperature around each power supply should not exceed the
temperature range shown in derating curve.
In case of metal chassis, keep the distance between l & l for to
insulate between lead of component and metal chassis. If it is
less than l & l , insert the insulation sheet between power supply
and metal chassis.
12
12
LEA
Instruction Manual
AC-DC Power Supplies Open Frame/Enclosed type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com