Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4DDR232M72APBG-3 Datasheet(PDF) 13 Page - Micross Components

Part # AS4DDR232M72APBG-3
Description  4-bit prefetch architecture
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR232M72APBG-3 Datasheet(HTML) 13 Page - Micross Components

Back Button AS4DDR232M72APBG-3 Datasheet HTML 9Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 10Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 11Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 12Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 13Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 14Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 15Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 16Page - Micross Components AS4DDR232M72APBG-3 Datasheet HTML 17Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
iPEM
2.4 Gb SDRAM-DDR2
AS4DDR232M72APBG
AS4DDR232M72APBG
Rev. 1.1 12/12
13
Micross Components reserves the right to change products or specifications without notice.
POSTED CAS ADDITIVE LATENCY (AL)
Posted CAS additive latency (AL) is supported to make the
commandanddatabusefficientforsustainablebandwidths
in DDR2 SDRAM. Bits E3–E5 define the value ofAL, as
shown in Figure 7. Bits E3–E5 allow the user to program the
DDR2 SDRAM with an inverse AL of 0, 1, 2, 3, or 4 clocks.
Reserved states should not be used as unknown operation
or incompatibility with future versions may result.
In this operation, the DDR2 SDRAM allows a READ or WRITE
command to be issued prior to tRCD (MIN) with the requirement
that AL d” tRCD (MIN). A typical application using this feature
would set AL = tRCD (MIN) - 1x tCK. The READ or WRITE
command is held for the time of the AL before it is issued internally
to the DDR2 SDRAM device. RL is controlled by the sum of AL
and CL; RL = AL+CL. Write latency (WL) is equal to RL minus
one clock; WL = AL + CL - 1 x tCK.
FIGURE 8 - EXTENDED MODE REGISTER 2 (EMR2) DEFINITION
POSTED CAS ADDITIVE LATENCY (AL)
Posted CAS additive latency (AL) is supported to make
the command and data bus efficient for sustainable
bandwidths in DDR2 SDRAM. Bits E3–E5 define the value
of AL, as shown in Figure 7. Bits E3–E5 allow the user
to program the DDR2 SDRAM with an inverse AL of 0, 1,
2, 3, or 4 clocks. Reserved states should not be used as
unknown operation or incompatibility with future versions
may result.
In this operation, the DDR2 SDRAM allows a READ or
WRITE command to be issued prior to tRCD (MIN) with
the requirement that AL ≤ tRCD (MIN). A typical application
using this feature would set AL = tRCD (MIN) - 1x tCK. The
READ or WRITE command is held for the time of the AL
before it is issued internally to the DDR2 SDRAM device.
RL is controlled by the sum of AL and CL; RL = AL+CL.
Write latency (WL) is equal to RL minus one clock; WL =
AL + CL - 1 x tCK.
FIGURE 8 – EXTENDED MODE REGISTER 2 (EMR2) DEFINITION
BA0
BA1
A13 A12 A11 A10 A9 A8 A7 A 6 A5 A4 A3 A2 A1 A0
Address Bus
ister (Ex)
9
7 6
5 4 3
8
2
1 0
10
11
12
13
01
14
15
0
1
0
1
Mode Register Definition
0
0
1
1
EMR2
01 01
01 01 01 01 01 01 01 01 01 01 01
i
use if T
C
E7
0
1
Extended Mode
Reg
Mo de Register (MR)
Extended Mo de Register (EMR)
Extended Mo de Register (EMR2)
Extended Mo de Register (EMR3)
M15 M14
High Temperature Self Refresh rate enable
Commer c al-Temperature default
Industrial-Temperature option;
exceeds 85°C
Note: 1. E13 (A13)-E0(A0) are reserved for future use and must be programmed to
"0." A13 is not used in this device.
AS4DDR232M72PBG
13
AustinSemiconductor, Inc. • (512) 339-1188 • www.austinsemiconductor.com
Rev. 0.0
07/06
iPEM
2.4 Gb SDRAM-DDR2
AS4DDR232M72PBG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com