Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD32M16 Datasheet(PDF) 7 Page - Micross Components

Part # AS4SD32M16
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16 Datasheet(HTML) 7 Page - Micross Components

Back Button AS4SD32M16 Datasheet HTML 3Page - Micross Components AS4SD32M16 Datasheet HTML 4Page - Micross Components AS4SD32M16 Datasheet HTML 5Page - Micross Components AS4SD32M16 Datasheet HTML 6Page - Micross Components AS4SD32M16 Datasheet HTML 7Page - Micross Components AS4SD32M16 Datasheet HTML 8Page - Micross Components AS4SD32M16 Datasheet HTML 9Page - Micross Components AS4SD32M16 Datasheet HTML 10Page - Micross Components AS4SD32M16 Datasheet HTML 11Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
7
COMMANDS
Truth Table 1 provides a quick reference of available
commands. This is followed by a written description of each
command. Three additional Truth Tables appear following the
Operation section; these tables provide current state/next state
information.
COMMAND INHIBIT
The COMMAND INHIBIT function prevents new
commands from being executed by the SDRAM, regardless of
whether the CLK signal is enabled. The SDRAM is effectively
deselected. Operations already in progress are not affected.
NO OPERATION (NOP)
The NO OPERATION (NOP) command is used to per-
form a NOP to an SDRAM which is selected (CS\ is LOW).
This
prevents unwanted commands from being registered
during idle or wait states. Operations already in progress are
not
affected.
LOAD MODE REGISTER
The mode register is loaded via inputs A0-A11 (A12 should
be driven LOW). See mode register heading in the Register
Definition section. The LOAD MODE REGISTER command
can only be issued when all banks are idle, and a subsequent
executable command cannot be issued until t
MRD is met.
TRUTH TABLE 1: COMMANDS AND DQM OPERATION1
FUNCTION
CS\ RAS\ CAS\ WE\
DQM
ADDR
DQs
NOTES
COMMAND INHIBIT (NOP)
H
X
X
X
XXX
NO OPERATION (NOP)
L
H
H
H
XXX
ACTIVE (Select bank and activate row)
L
L
H
H
X
Bank/Row
X
3
READ (Select bank and column, and start READ burst)
LH
L
H
L/H
8
Bank/Col
X
4
WRITE (Select bank and column, and start WRITE burst)
LH
L
L
L/H
8
Bank/Col
Valid
4
BURST TERMINATE
L
H
H
L
X
X
Active
PRECHARGE (Deactivate row in bank or banks)
L
L
H
L
X
Code
X
5
AUTO REFRESH or SELF REFRESH
(Enter self refresh mode)
L
L
L
H
X
X
X
6, 7
LOAD MODE REGISTER
L
L
L
L
X
Op-Code
X
2
Write Enable/Output Enable
-
-
-
-
L
-
Active
8
Write Inhibit/Output High-Z
-
-
-
-
H
-
High-Z
8
NOTE:
1. CKE is HIGH for all commands shown except SELF REFRESH.
2. A0-A11 define the op-code written to the mode register, and A12 should be driven LOW.
3. A0-A12 provide row address, and BA0, BA1 determine which bank is made active.
4. A0-A9 provide column address; A10 HIGH enables the auto precharge feature (nonpersistent), while A10 LOW disables the auto precharge feature; BA0,
BA1 determine which bank is being read from or written to.
5. A10 LOW: BA0, BA1 determine the bank being precharged. A10 HIGH: All banks precharged and BA0, BA1 are “Don’t Care.”
6. This command is AUTO REFRESH if CKE is HIGH, SELF REFRESH if CKE is LOW.
7. Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t Care” except for CKE.
8. Activates or deactivates the DQs during WRITEs (zero-clock delay) and READs (two-clock delay).
ACTIVE
The ACTIVE command is used to open (or activate) a row
in a particular bank for a subsequent access. The value on the
BA0, BA1 inputs selects the bank, and the address provided
on inputs A0-A12 selects the row. The row remains active (or
open) for accesses until a PRECHARGE command is issued to
that bank. A PRECHARGE command must be issued before
opening a different row in the same bank.
READ
The READ command is used to initiate a burst read access
to an active row. The value on the BA0, BA1 inputs selects
the bank, and the address provided on inputs A0-A8 selects the
starting column location. The value on input A10 determines
whether or not auto precharge is used. If auto precharge is
selected, the row being accessed will be precharged at the end
of the READ burst; if auto precharge is not selected, the row
will remain open for subsequent accesses. Read data appears
on the DQs subject to the logic level on the DQM inputs two
clocks earlier. If a given DQM signal was registered HIGH,
the corresponding DQs will be High-Z two clocks later; if the
DQM signal was registered LOW, the DQs will provide valid
data.
WRITE
The WRITE command is used to initiate a burst write
access to an active row. The value on the BA0, BA1 inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com