Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5744 Datasheet(PDF) 45 Page - Microchip Technology

Part # USB5744
Description  4-Port SS/HS USB Controller Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5744 Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB5744 Datasheet HTML 41Page - Microchip Technology USB5744 Datasheet HTML 42Page - Microchip Technology USB5744 Datasheet HTML 43Page - Microchip Technology USB5744 Datasheet HTML 44Page - Microchip Technology USB5744 Datasheet HTML 45Page - Microchip Technology USB5744 Datasheet HTML 46Page - Microchip Technology USB5744 Datasheet HTML 47Page - Microchip Technology USB5744 Datasheet HTML 48Page - Microchip Technology USB5744 Datasheet HTML 49Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
 2015-2016 Microchip Technology Inc.
DS00001855D-page 45
USB5744
Section 9.7, "Clock
Specifications",Figure 9-6, Table 9-10,
"Crystal Specifications"
Updated these sections.
Section 9.7.2, External Reference
Clock (CLK_IN)
Oscillator changed from “35MHz” to “25 MHz”
Section 9.6.7, SPI Timing
Removed SPI interface configure note
Section 9.1, Absolute Maximum Rat-
ings*
Added “Positive voltage on USB 3.0 USB3UP-
_xxxx and USB3DN_xxxx signal pins, with
respect to ground...1.32 V
Changed XTALI positive voltage from 2.1V to
3.63V.
Changed “USB 3.0 DP/DM Signal Pins Volt-
age” to “USB 3.0 USB3UP_xxxx
and
USB3DN_xxxx Signal Pins Voltage”
Section 8.4.2, "Port Connection in
Combined Mode," on page 27
Added note under Section 8.4.2
Product Identification System on page
47
Updated ordering information
Section 9.1, "Absolute Maximum Rat-
ings*," on page 31
Updated +1.2V supply voltage absolute max
value. Added HBM ESD performance specifi-
cation.
Table 9-1, “Package Thermal Parame-
ters,” on page 32
Added package thermal parameters.
Worldwide Sales and Service
Updated Worldwide Sales Listing
Table 9-4, “I/O DC Electrical Charac-
teristics,” on page 34
Updated I buffer type high input level max.
Added IS buffer type Schmitt trigger hystere-
sis values.
Cover, All
Updated document title to “4-Port SS/HS Con-
troller Hub”
Removed PortMap references.
Removed sentence: ”These circuits are used
to detect the attachment and type of a USB
charger and provide an interrupt output to indi-
cate charger information is available to be
read from the device’s status registers via the
serial interface.“
FIGURE 3-1: 56-VQFN Pin Assign-
ments on page 8
Added configuration strap note under figure.
DS00001855A (12-15-14)
All
Initial Release
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com