Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5744/2G Datasheet(PDF) 44 Page - Microchip Technology

Part # USB5744/2G
Description  4-Port SS/HS USB Controller Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5744/2G Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB5744/2G Datasheet HTML 40Page - Microchip Technology USB5744/2G Datasheet HTML 41Page - Microchip Technology USB5744/2G Datasheet HTML 42Page - Microchip Technology USB5744/2G Datasheet HTML 43Page - Microchip Technology USB5744/2G Datasheet HTML 44Page - Microchip Technology USB5744/2G Datasheet HTML 45Page - Microchip Technology USB5744/2G Datasheet HTML 46Page - Microchip Technology USB5744/2G Datasheet HTML 47Page - Microchip Technology USB5744/2G Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
USB5744
DS00001855D-page 44
 2015-2016 Microchip Technology Inc.
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00001855D (06-02-16)
Section 10.0, Package Information
Added top marking information and land pat-
tern drawing.
All
Updated “SQFN” references to “VQFN”.
Name change only.
Section 8.4.2.1, Port Power Control
using USB Power Switch
Added additional information on overcurrent
detection methods.
Section 9.6.1, Power Supply and
RESET_N Sequence Timing
Added Power Supply and RESET_N
Sequence Timing section.
Section 9.6.5, I2C Timing
“100kHz Standard Mode (Sm)” updated to
“400kHz Fast Mode (Fm)”, since the device
supports up to 400kHz I2C operation.
DS00001855C (06-22-15)
All
• Updated “USB 3.0” references to “USB
3.1 Gen 1” throughout the document
• Updated USB specification references
• Misc. typos
DS00001855B (04-16-15)
Features
Changed Environmental feature bullet from
“4kV HBM JESD22-A114F ESD protection”
to
“3kV HBM JESD22-A114F ESD protection”
Section 9.2, Operating Conditions**
Changed XTALI/CLK_IN Voltage to -0.3V to
+3.6V
Table 9-10, "Crystal Specifications"
Total Allowable PPM budget changed to
100pm, removed notes under table regarding
“Frequency Tolerance” and “Frequency and
Transmitter Clock Frequency”
Section 9.7.2, External Reference
Clock (CLK_IN)
Changed +-350ppm t +-100 ppm
Figure 3-1, "56-VQFN Pin
Assignments"Table 3-1, "56-VQFN
Pin Assignments"
Modified pin 32 from “PRT_CTL4/
GANG_PWR” to “PRT_CTL4/GANG_PWR”
Table 3-5, "USB Port Control Pin
Descriptions"
Revised description of Pin 1, GANG_PWR
Table 1-1, "General Terms" and
throughout document
Replaced the term Hub Controller with Hub
Feature Controller, added definition in Table 1-
1, "General Terms".
Section 6.1.2, SMBus Accessible
Functions
Added web link to AN1903
Removed PortMap feature throughout docu-
ment.
Table 3-7, "Miscellaneous Pin
Descriptions"
Modified RESET_N pin description
Section 8.3, Link Power Management
(LPM)
Removed “per the USB 3.0 Specification” from
the first sentence. Removed last sentence
“For additional information, refer to the USB
3.0 Specification.”
Table 9-2, "MAXIMUM Power Dissipa-
tion"
Added Table 9-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com