Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2984T Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2984T
Description  Microprocessor Power Supply System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2984T Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2984T Datasheet HTML 8Page - National Semiconductor (TI) LM2984T Datasheet HTML 9Page - National Semiconductor (TI) LM2984T Datasheet HTML 10Page - National Semiconductor (TI) LM2984T Datasheet HTML 11Page - National Semiconductor (TI) LM2984T Datasheet HTML 12Page - National Semiconductor (TI) LM2984T Datasheet HTML 13Page - National Semiconductor (TI) LM2984T Datasheet HTML 14Page - National Semiconductor (TI) LM2984T Datasheet HTML 15Page - National Semiconductor (TI) LM2984T Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Hints (Continued)
This watchdog circuitry continuously monitors a pin on the
µP that generates a positive going pulse during normal op-
eration. The period of this pulse is typically on the order of
milliseconds and the pulse width is typically on the order of
10’s of microseconds. If this pulse ever disappears, the
watchdog circuitry will time out and a RESET low will be sent
to the µP. The time out period is determined by two external
components, R
t and Cmon, according to the formula:
T
window = 0.82 RtCmon (seconds)
The width of the RESET pulse is set by C
mon and an internal
resistor according to the following:
RESET
pw = 2000 Cmon (seconds)
A square wave signal can also be monitored for errors by fil-
tering the C
mon input such that only the positive edges of the
signal are detected.
Figure 2 is a schematic diagram of a
typical circuit used to differentiate the input signal. Resistor
R
tc and capacitor Ctc pass only the rising edge of the square
wave and create a short positive pulse suitable for the µP
monitor input. If the incoming signal continues in a high state
or in a low state for too long a period of time, a RESET low
will be generated.
The threshold voltage and input characteristics of this pin are
compatible with nearly all logic families.
There is a limit on the width of a pulse that can be reliably de-
tected by the watchdog circuit. This is due to the output re-
sistance of the transistor which discharges C
mon when a high
state is detected at the input. The minimum detectable pulse
width can be determined by the following formula:
PW
min = 20 Cmon (seconds)
DS011252-14
FIGURE 2. Monitoring Square Wave µP Signals
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com