Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C1008 Datasheet(PDF) 3 Page - Micross Components

Part # AS5C1008
Description  Low active power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5C1008 Datasheet(HTML) 3 Page - Micross Components

  AS5C1008 Datasheet HTML 1Page - Micross Components AS5C1008 Datasheet HTML 2Page - Micross Components AS5C1008 Datasheet HTML 3Page - Micross Components AS5C1008 Datasheet HTML 4Page - Micross Components AS5C1008 Datasheet HTML 5Page - Micross Components AS5C1008 Datasheet HTML 6Page - Micross Components AS5C1008 Datasheet HTML 7Page - Micross Components AS5C1008 Datasheet HTML 8Page - Micross Components AS5C1008 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SRAM
AS5C1008
AS5C1008
Rev. 3.9 10/10
Micross Components reserves the right to change products or specifications without notice.
3
PARAMETER
CONDITIONS
SYMBOL MIN
MAX MIN MAX MIN MAX
MIN
MAX UNITS
Dynamic Operating
Current
Vcc=MAX, IOUT = 0mA,
CE1 = VIL and CE2 = VIH, f = fmax
ICC1
180
150
140
125
mA
TTL Standby Current -
TTL Inputs
Vcc=MAX, VIN = VIH or VIL,
CE\1> VIH and CE2 > VIL, f = fmax
ISB1
90
75
70
60
mA
CMOS Standby Current -
CMOS Inputs
Vcc=MAX, CE\1 > Vcc -0.2V, or CE2
< 0.2V, VIN > Vcc -0.2V and
VIN < 0.2V, f = 0
ISB2
10
10
10
10
mA
Input Leakage Current
GND < VIN < Vcc
ILI
-10
10
-10
10
-10
10
-10
10
A
Output Leakage Current
GND < VOUT < Vcc
Output Disabled
ILO
-10
10
-10
10
-10
10
-10
10
A
Output High Voltage
Vcc = MIN, IOH = -4.0 mA
VOH
2.42.4
2.42.4
V
Output Low Voltage
Vcc = MIN, IOL = 8.0 mA
VOL
0.4
0.4
0.4
0.4
V
Input High Voltage
VIH
2.2
Vcc
+0.5
2.2
Vcc
+0.5
2.2
Vcc
+0.5
2.2
Vcc
+0.5
V
Input Low Voltage
VIL
-0.5
0.8
-0.5
0.8
-0.5
0.8
-0.5
0.8
V
-15
-20
-25
-35
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC<T
A
<+125oC or -40oC to +85oC; Vcc = 5V+10%)
PIN DESCRIPTIONS
A0 - A16: Address Inputs
These 17 address inputs select one of the 131,072 8-bit words
in the RAM.
CE\
1
: Chip Enable 1 Input
CE\
1
is asserted LOW to read from or write to the device. If
Chip Enable 1 is deasserted, the device is deselected and is
in standby power mode. The I/O pins will be in the high-
impedance state when the device is deselected.
CE
2
: Chip Enable 2 Input
CE
2
is asserted HIGH to read from or write to the device. If
Chip Enable 2 is deasserted, the device is deselected and is
in standby power mode. The I/O pins will be in the high-
impedance state when the device is deselected.
OE\: Output Enable Input
The Output Enable Input is asserted LOW. If asserted LOW
while CE\
1
is asserted (LOW) and CE
2
is asserted (HIGH) and
WE\ is deasserted (HIGH), data from the SRAM will be present
on the I/O pins. The I/O pins will be in the high-impedance
state when OE\ is deasserted.
WE\: Write Enable Input
The Write Enable input is asserted LOW and controls read and
write operations. When CE\
1
and WE\ are both asserted (LOW)
and CE
2
is asserted (HIGH) input data present on the I/O pins
will be written into the selected memory location.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com