Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5LC512K8 Datasheet(PDF) 13 Page - Micross Components

Part # AS5LC512K8
Description  Ultra High Speed Asynchronous Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5LC512K8 Datasheet(HTML) 13 Page - Micross Components

Back Button AS5LC512K8 Datasheet HTML 5Page - Micross Components AS5LC512K8 Datasheet HTML 6Page - Micross Components AS5LC512K8 Datasheet HTML 7Page - Micross Components AS5LC512K8 Datasheet HTML 8Page - Micross Components AS5LC512K8 Datasheet HTML 9Page - Micross Components AS5LC512K8 Datasheet HTML 10Page - Micross Components AS5LC512K8 Datasheet HTML 11Page - Micross Components AS5LC512K8 Datasheet HTML 12Page - Micross Components AS5LC512K8 Datasheet HTML 13Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.4 10/13
Micross Components reserves the right to change products or specifications without notice.
13
DOCUMENT TITLE
512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
Rev #
History
Release Date
Status
2.1
Pg 1: Changed 0.3% to 0.3V
August 2009
Release
2.2
Updated Micross Information
January 2010
Release
2.3
Expanded package offering to include
March 2011
Release
Copper Lead Frames and RoHS
Compliancy, added -10 speed option,
Reduced C
L from 9pF to 8pF, corrected
t
HZWE from min’s to max’s on page 4,
corrected 4.5V reference points on data
retention waveform to 3.0V, pg. 6
2.4
Removed Cu-lead frame option
October 2013
Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com