Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5SP128K32 Datasheet(PDF) 13 Page - Micross Components

Part # AS5SP128K32
Description  Synchronous Operation in relation to the input Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5SP128K32 Datasheet(HTML) 13 Page - Micross Components

Back Button AS5SP128K32 Datasheet HTML 5Page - Micross Components AS5SP128K32 Datasheet HTML 6Page - Micross Components AS5SP128K32 Datasheet HTML 7Page - Micross Components AS5SP128K32 Datasheet HTML 8Page - Micross Components AS5SP128K32 Datasheet HTML 9Page - Micross Components AS5SP128K32 Datasheet HTML 10Page - Micross Components AS5SP128K32 Datasheet HTML 11Page - Micross Components AS5SP128K32 Datasheet HTML 12Page - Micross Components AS5SP128K32 Datasheet HTML 13Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SSRAM
AS5SP128K32
AS5SP128K32
Rev. 1.5 10/13
Micross Components reserves the right to change products or specifications without notice.
13
DOCUMENT TITLE
4.0Mb, 128K x 32, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
REVISION HISTORY
Rev #
History
Release Date
Status
1.2
Updated Micross information
October 2010
Release
1.3
Added copper lead frame and RoHS
May 2011
Release
compliant options, changed IDDzz
from 10mA to 60mA max.
1.4
Added Thermal Resistance for DQC
September 2011
Release
package, page 5. Updated DC
electrical characteristics, page 5:
From
To
ISB2
40
65
ISB4
45
70
1.5
Removed Cu-lead frame option
October 2013
Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com