Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-134 Datasheet(PDF) 21 Page - STMicroelectronics

Part # BLUENRG-134
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-134 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button BLUENRG-134 Datasheet HTML 17Page - STMicroelectronics BLUENRG-134 Datasheet HTML 18Page - STMicroelectronics BLUENRG-134 Datasheet HTML 19Page - STMicroelectronics BLUENRG-134 Datasheet HTML 20Page - STMicroelectronics BLUENRG-134 Datasheet HTML 21Page - STMicroelectronics BLUENRG-134 Datasheet HTML 22Page - STMicroelectronics BLUENRG-134 Datasheet HTML 23Page - STMicroelectronics BLUENRG-134 Datasheet HTML 24Page - STMicroelectronics BLUENRG-134 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
21/173
ADC
MFT1
MFT2
RTC
WDG
By default all peripherals APB clock are enabled.
The following clocks are enabled/disabled automatically:
Processor clock (disabled in sleep mode)
RAM clock (disabled if processor clock, SPI clock and BLE clock are all disabled)
3.5.1
Reset management
Figure 6: "Reset and wakeup generation" shows the general principle of reset. Releasing
the Reset pin puts the chip out of shutdown state. The wakeup logic is powered and
receives the POR. Each time the wake-up controller decides to exit sleep or standby
modes, it will generate a reset for the core logic. The core logic can also be reset by:
Watchdog
Reset request from the processor (system reset)
LOCKUP state of the Cortex-M0.
The SWD logic is reset by the POR. It is important to highlight that reset pin actually power
down chip, so it is not possible to perform debug access with system under reset.
Figure 6: Reset and wakeup generation
3.5.1.1
Power-on-Reset
The Power-on-Reset (POR) signal is the combination of the POR signal and the BOR
signal generated by the analog circuitry contained in the BlueNRG-1 device. The
combination of these signals is used to generate the input to the Cortex-M0 which is used
to reset the debug access port (DAP) of the processor. It is also used to generate the
signal which resets the debug logic of the Cortex-M0. The POR signal also resets the TAP
controller of the BlueNRG-1 and a part of the flash controller (managing the Flash memory
boot, which does not need to be impacted by system resets).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com