Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2984CT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2984CT
Description  LM2984C Microprocessor Power Supply System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2984CT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2984CT Datasheet HTML 1Page - National Semiconductor (TI) LM2984CT Datasheet HTML 2Page - National Semiconductor (TI) LM2984CT Datasheet HTML 3Page - National Semiconductor (TI) LM2984CT Datasheet HTML 4Page - National Semiconductor (TI) LM2984CT Datasheet HTML 5Page - National Semiconductor (TI) LM2984CT Datasheet HTML 6Page - National Semiconductor (TI) LM2984CT Datasheet HTML 7Page - National Semiconductor (TI) LM2984CT Datasheet HTML 8Page - National Semiconductor (TI) LM2984CT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH8821
May 1989
LM2984C Microprocessor Power Supply System
General Description
The LM2984C positive voltage regulator features three in-
dependent and tracking outputs capable of delivering the
power for logic circuits peripheral sensors and standby
memory in a typical microprocessor system The LM2984C
includes circuitry which monitors both its own high-current
output and also an external mP If any error conditions are
sensed in either a reset error flag is set and maintained until
the malfunction terminates Since these functions are in-
cluded in the same package with the three regulators a
great saving in board space can be realized in the typical
microprocessor system The LM2984C also features very
low dropout voltages on each of its three regulator outputs
(06V at the rated output current) Furthermore the quies-
cent current can be reduced to 1 mA in the standby mode
Designed also for vehicular applications the LM2984C and
all regulated circuitry are protected from reverse battery in-
stallations or 2-battery jumps Familiar regulator features
such as short circuit and thermal overload protection are
also provided Fixed outputs of 5V are available in the plas-
tic TO-220 power package
Features
Y
Three low dropout tracking regulators
Y
Output current in excess of 500 mA
Y
Low quiescent current standby regulator
Y
Microprocessor malfunction RESET flag
Y
Delayed RESET on power-up
Y
Accurate pretrimmed 5V outputs
Y
Reverse battery protection
Y
Overvoltage protection
Y
Reverse transient protection
Y
Short circuit protection
Y
Internal thermal overload protection
Y
ONOFF switch for high current outputs
Y
100% electrical burn-in in thermal limit
Typical Application Circuit
LM2984C
TLH8821 – 1
Order Number LM2984CT
See NS Package Number TA11B
COUT must be at least 10 mFto
maintain stability May be increased
without bound to maintain regulation
during transients Locate as close as
possible to the regulator This capac-
itor must be rated over the same op-
erating temperature range as the
regulator The equivalent series re-
sistance (ESR) of this capacitor is
critical see curve
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM2984CT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2984CT/NOPB TI-LM2984CT/NOPB Datasheet
275Kb / 16P
LM2984C Microprocessor Power Supply System
More results

Similar Description - LM2984CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA5600 MOTOROLA-TCA5600 Datasheet
206Kb / 12P
UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
Microprocessor Power Supply System
logo
Texas Instruments
UCC3830- TI-UCC3830- Datasheet
419Kb / 10P
5-Bit Microprocessor Power Supply Controller
logo
Sanyo Semicon Device
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
Microprocessor-Controlled Audio Power Supply
logo
Toshiba Semiconductor
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
Microprocessor system interfaces
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558_07 Datasheet
218Kb / 7P
Microprocessor System Interfaces
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
logo
Texas Instruments
LM2984C TI-LM2984C_15 Datasheet
275Kb / 16P
LM2984C Microprocessor Power Supply System
logo
High Voltage Power Solu...
SPL-I-AC-30N50 HVPSI-SPL-I-AC-30N50 Datasheet
352Kb / 2P
Microprocessor-Controlled Industrial Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com